Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9009ACKBE3 Datasheet(PDF) 3 Page - Gennum Corporation

Part # GS9009ACKBE3
Description  GENLINX -TM GS9009A Cable Driver with Four Adjustable Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9009ACKBE3 Datasheet(HTML) 3 Page - Gennum Corporation

  GS9009ACKBE3 Datasheet HTML 1Page - Gennum Corporation GS9009ACKBE3 Datasheet HTML 2Page - Gennum Corporation GS9009ACKBE3 Datasheet HTML 3Page - Gennum Corporation GS9009ACKBE3 Datasheet HTML 4Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GENNUM CORPORATION
29782 - 1
3 of 4
INPUT/OUTPUT CIRCUITS
Figure 1
Input Circuit (Pins 11 and 12)
Figure 2 Output Circuit (Pins 3, 4 and 5, 6)
All resistors in ohms, all capacitors in microfarads unless otherwise stated.
Resistors marked 1, 2, 3 and 4 are 150
Ω each.
Figure 3
Typical Application Circuit
All resistors in ohms, all capacitors in microfarads unless otherwise stated.
Figure 4 Split Supply Interfacing
VCC
0.5p
SERIAL
INPUTS
400
VCC
VREF1
VREF1 + VREF2
VCC
400
400
VOUT
VOUT
VCC
VCC
INPUT SIGNAL
+
10
0.1
1.0
1
2
3
4
1.0
OUTPUT -2
(75
Ω)
+5V
0.1
INPUT SIGNAL
1.0
1.0
OUTPUT -2
(75
Ω)
OUTPUT -1
(75
Ω)
OUTPUT -1
(75
Ω)
1.8p
1.8p
1.8p
1.8p
68
68
68
68
10k
OUTPUT LEVEL
ADJUST
8
9
10
5
6
7
3
4
2
1
11
12
13
14
GS9009A
+5V
-5V
10
11
0.1µF
0.1µF
-2V
ECL
DRIVER
GS9009A


Similar Part No. - GS9009ACKBE3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS9009 ETC-GS9009 Datasheet
129Kb / 4P
   GS9009 CABLE DRIVER WITH FOUR ADJUSTABLE OUTPUTS
GS9009-CKB ETC-GS9009-CKB Datasheet
129Kb / 4P
   GS9009 CABLE DRIVER WITH FOUR ADJUSTABLE OUTPUTS
More results

Similar Description - GS9009ACKBE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9008A GENNUM-GS9008A Datasheet
91Kb / 4P
   GENLINX -TM GS9008A Cable Driver with Two Adjustable Outputs
logo
List of Unclassifed Man...
GS9009 ETC-GS9009 Datasheet
129Kb / 4P
   GS9009 CABLE DRIVER WITH FOUR ADJUSTABLE OUTPUTS
GS9008 ETC-GS9008 Datasheet
70Kb / 4P
   Cable Driver with Two Adjustable Outputs
logo
Gennum Corporation
GS9028 GENNUM-GS9028 Datasheet
106Kb / 7P
   Cable Driver with Two Adjustable Outputs
GS9028 GENNUM-GS9028_04 Datasheet
272Kb / 7P
   Cable Driver with Two Adjustable Outputs
logo
National Semiconductor ...
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
   Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com