Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9021A Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS9021A
Description  GENLINX -TM II GS9021A EDH Coprocessor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9021A Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS9021A Datasheet HTML 3Page - Gennum Corporation GS9021A Datasheet HTML 4Page - Gennum Corporation GS9021A Datasheet HTML 5Page - Gennum Corporation GS9021A Datasheet HTML 6Page - Gennum Corporation GS9021A Datasheet HTML 7Page - Gennum Corporation GS9021A Datasheet HTML 8Page - Gennum Corporation GS9021A Datasheet HTML 9Page - Gennum Corporation GS9021A Datasheet HTML 10Page - Gennum Corporation GS9021A Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
19983 - 1
7 of 26
1.3 Parallel Digital Video Data Outputs
The output of the device is 10-bit digital video data and is
present on the DOUT[9:0] output pins. The latency through
the device is 8 clock cycles and is illustrated in Figure 3.
The default position of the LSB is DOUT0. Asserting the
LSB_TOP pin HIGH on the GS9021A reverses the order of
the output bits, placing the LSB at DOUT9 and simplifying
board layout in some applications. Figure 11 shows a
simple application circuit illustrating the connections to the
GS9032.
1.4 Automatic Standard Detection
The device automatically detects the incoming video
standard. The detected standard is encoded on the
STD[3:0] bits of the HOSTIF read table as shown in Tables 1
and 4.
Noise immunity is included to ensure that momentary signal
corruption
does
not
affect
the
automatic
standards
detection function. This built in noise immunity results in
delayed detection time during power up and when
switching between standards. Delays range from as little as
eight lines when switching between component standards
to as much as four frames when switching between PAL
and NTSC standards. If this delay is intolerable, the user
can manually set the standard through the HOSTIF write
table. To set the standard manually, the STD_SEL bit must
be set HIGH and the S bit and STD[3:0] bits set
accordingly. The default standard upon resetting the device
is NTSC 4:2:2 component (13.5MHz Y sampling).
The S bit, used for single link data standards only, is
encoded in the TRSID word and indicates if the data is in
RGB or YCRCB format as per SMPTE RP174. In automatic
standard detection mode, the S bit can be read from the
HOSTIF read table. In manual mode, the S bit must be set
in the HOSTIF write table.
2. FLYWHEEL BLOCK
2.1 FVH Flywheel
The flywheel’s primary function is to provide accurate field,
vertical, and horizontal output signals in the presence of
noisy or error prone input data. Flywheel synchronization is
based on the TRS words in the incoming data stream. The
FVH flywheel synchronizes to the incoming data stream in
less than two fields once the incoming standard has been
detected. Once synchronized, the TRS words in the
incoming data stream and those generated by the flywheel
are constantly compared to ensure that the flywheel
remains synchronized.
Noise insensitivity is accomplished by re-synchronizing the
flywheel to the data stream only if it is not aligned for long
periods of time. For component signals, four mismatches
between the EAV signal in the incoming and flywheel
generated signals over a window of eight lines will trigger
the flywheel to begin re-synchronization.
For composite signals, re-synchronization is triggered by
mismatches in the TRS encoded line numbers or field bits
for seven consecutive lines.
The flywheel can be disabled by asserting the FLYWDIS
control signal HIGH. Disabling the flywheel will remove the
effective noise immunity. In this mode, FVH values will be
decoded directly from the incoming data stream rather than
being decoded from the flywheel. Note that when the
flywheel is disabled, TRS_BLANK and TRS_ INSERT will not
function correctly if enabled. Therefore, if the flywheel is
disabled, then so should TRS_BLANK and TRS_INSERT.
FLYWDIS is available as an input pin and as a bit in the
HOSTIF write table.
PIN
LOGIC OPR
HOST BIT
DOUT[9:0]
LSB_TOP
PIN
LOGIC OPR
HOST BIT
STD_SEL
STD[3:0]
S
TABLE 1
STANDARD NAME
STD[3:0]
NTSC 4:2:2 Component with 13.5MHz Y sampling
0000
NTSC Composite
0001
NTSC 4:2:2 16x9 Widescreen with 18MHz Y
sampling
0010
NTSC 4:4:4:4 Single Link with 13.5MHz Y sampling
0011
PAL 4:2:2 Component with 13.5MHz Y sampling
0100
PAL Composite
0101
PAL 4:2:2 16x9 Widescreen with 18MHz Y sampling
0110
PAL 4:4:4:4 Single Link with 13.5MHz Y sampling
0111
PIN
LOGIC OPR
HOST BIT
FLYWDIS
OR
FLYWDIS
SWITCHFLYW


Similar Part No. - GS9021A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9021 GENNUM-GS9021 Datasheet
194Kb / 26P
   EDH Coprocessor
GS9021-CFU GENNUM-GS9021-CFU Datasheet
194Kb / 26P
   EDH Coprocessor
GS9021-CTU GENNUM-GS9021-CTU Datasheet
194Kb / 26P
   EDH Coprocessor
More results

Similar Description - GS9021A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9001 GENNUM-GS9001_04 Datasheet
341Kb / 14P
   EDH Coprocessor
GS9021 GENNUM-GS9021 Datasheet
194Kb / 26P
   EDH Coprocessor
GS9001 GENNUM-GS9001 Datasheet
211Kb / 14P
   EDH COPROCESSOR
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
   GENLINX-TM II EB9035 Evaluation Board
EB9021 GENNUM-EB9021 Datasheet
413Kb / 8P
   GENLINX-TM II EB9021 Evaluation Board
EB9024 GENNUM-EB9024 Datasheet
116Kb / 9P
   GENLINX-TM II EB9024 Evaluation Board
EB-RD35 GENNUM-EB-RD35 Datasheet
220Kb / 9P
   GENLINX-TM II EB-RD35 Evaluation Board
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com