Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9023A Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS9023A
Description  GENLINX -TM II GS9023A Embedded Audio CODEC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9023A Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS9023A Datasheet HTML 2Page - Gennum Corporation GS9023A Datasheet HTML 3Page - Gennum Corporation GS9023A Datasheet HTML 4Page - Gennum Corporation GS9023A Datasheet HTML 5Page - Gennum Corporation GS9023A Datasheet HTML 6Page - Gennum Corporation GS9023A Datasheet HTML 7Page - Gennum Corporation GS9023A Datasheet HTML 8Page - Gennum Corporation GS9023A Datasheet HTML 9Page - Gennum Corporation GS9023A Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6 of 37
GENNUM CORPORATION
19795 - 6
38
AUXEN
I/O
Extended audio enable. When HIGH, the GS9023A processes 24-bit audio
samples. When LOW, the GS9023A processes 20-bit samples. In Multiplex
Mode, this pin is an input and is supplied by the user. The setting is logical OR
with the related A4ON setting in host interface register address 1h. In
Demultiplex Mode, this pin is an output and is generated by the GS9023A.
39, 51, 67, 76
VDDIO
+3.3V or +5V power supply pins for device I/Os. In order for device I/O to be +5V
tolerant VDDIO must be +5V. Device I/O are not +5V tolerant if VDDIO is +3.3V.
40-48
PKT[8:0]
I/O
Arbitrary data I/O bus. In Multiplex Mode, the user must input the arbitrary data
packet words starting from the secondary data identification (SDID) to the last
user data word (UDW) according to SMPTE 291M. The GS9023A internally
converts the data to 10 bits by generating the inversion bit (bit 9). The checksum
(CS) word is also generated internally. In Demultiplex Mode, the GS9023A
outputs the arbitrary data packet words starting from the SDID to the last UDW.
PKT[8] is the MSB and PKT[0] is the LSB. See Figure 11 and Figure 16.
49
PKTEN
I/O
Arbitrary data packet enable. In Multiplex Mode, PKTEN must be set HIGH one
PCLK cycle before Arbitrary packet data is input to the device. In Demultiplex
Mode, the output is set HIGH when outputting Arbitrary packet data. See Figure
11 and Figure 16.
52, 69
NC
N/A
No Connect. Do not connect these pins.
53
WCOUT
O
48kHz word clock for channels 1, 2, 3 and 4. Valid only when operating in
Demultiplex Mode.
54
AOUTB
O
Audio signal output for channels 3 and 4. The AES/EBU digital audio output is bi-
phase mark encoded. In all non-AES/EBU modes, the output is not bi-phase
mark encoded.
55
AOUTA
O
Audio signal output for channels 1 and 2. The AES/EBU digital audio output is bi-
phase mark encoded. In all non-AES/EBU modes, the output is not bi-phase
mark encoded.
56, 57, 59-66
DOUT[9:0]
O
Parallel digital video signal output. DOUT[9] is the MSB and DOUT[0] is the LSB.
68
LOCK
O
Lock indicator. In Multiplex Mode, when HIGH, the video standard has been
identified, the start of a new video frame has been detected and the device is
multiplexing audio.
NOTE: LOCK will not be set HIGH unless at least one of the audio channel
enable bits is HIGH. See “CHACT” description in Table 14.
In Demultiplex Mode, when HIGH, the video standard has been identified, the
‘lock’ process selected by “ACTSEL” has been validated and the device is
demultiplexing audio. See “ACTSEL” description in Table 15.
NOTE: LOCK remains active regardless of the number of audio samples in the
video stream after ‘lock’ is achieved.
70
BUFERR
O
Buffer error. Indicates when an internal buffer overflow/underflow error has
occurred. Valid only when the device is configured to operate in Demultiplex
Mode.
NOTE: If an internal buffer overflow/underflow condition occurs, the GS9023A
does not mute the audio output.
PIN DESCRIPTIONS (CONTINUED)
NUMBER
SYMBOL
TYPE
DESCRIPTION


Similar Part No. - GS9023A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS9023 ETC-GS9023 Datasheet
301Kb / 33P
   Embedded Audio CODEC
GS9023-CFY ETC-GS9023-CFY Datasheet
301Kb / 33P
   Embedded Audio CODEC
logo
Gennum Corporation
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
GS9023BCVE3 GENNUM-GS9023BCVE3 Datasheet
714Kb / 56P
   Embedded Audio CODEC
More results

Similar Description - GS9023A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
   GENLINX-TM II EB9035 Evaluation Board
EB9021 GENNUM-EB9021 Datasheet
413Kb / 8P
   GENLINX-TM II EB9021 Evaluation Board
GS9021A GENNUM-GS9021A Datasheet
374Kb / 26P
   GENLINX -TM II GS9021A EDH Coprocessor
EB9024 GENNUM-EB9024 Datasheet
116Kb / 9P
   GENLINX-TM II EB9024 Evaluation Board
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
EB-RD35 GENNUM-EB-RD35 Datasheet
220Kb / 9P
   GENLINX-TM II EB-RD35 Evaluation Board
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
logo
List of Unclassifed Man...
GS9023 ETC-GS9023 Datasheet
301Kb / 33P
   Embedded Audio CODEC
logo
Gennum Corporation
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com