Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9032-CVM Datasheet(PDF) 8 Page - Gennum Corporation

Part # GS9032-CVM
Description  GENLINX-TM II GS9032 Digital Video Serializer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9032-CVM Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS9032-CVM Datasheet HTML 2Page - Gennum Corporation GS9032-CVM Datasheet HTML 3Page - Gennum Corporation GS9032-CVM Datasheet HTML 4Page - Gennum Corporation GS9032-CVM Datasheet HTML 5Page - Gennum Corporation GS9032-CVM Datasheet HTML 6Page - Gennum Corporation GS9032-CVM Datasheet HTML 7Page - Gennum Corporation GS9032-CVM Datasheet HTML 8Page - Gennum Corporation GS9032-CVM Datasheet HTML 9Page - Gennum Corporation GS9032-CVM Datasheet HTML 10Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
521 - 96 - 09
8 of 10
DETAILED DESCRIPTION
The GS9032 Serializer is a bipolar integrated circuit used to
convert parallel data into a serial format according to the
SMPTE 259M standard. The device encodes both eight and
ten bit TTL-compatible parallel signals producing serial
data rates up to 540Mb/s. It operates from a single five volt
supply and is packaged in a 44 pin TQFP.
Functional blocks within the device include the input
latches, sync detector, parallel to serial converter, SMPTE
scrambler, NRZ to NRZI converter, internal cable driver, PLL
for 10x parallel clock multiplication and lock detect. The
parallel data (PD0-PD9) and parallel clock (PCLKIN) are
applied via pins 1 through 11 respectively.
1. SYNC DETECTOR
The sync detector makes the system compatible with eight
or ten bit data. It looks for the reserved words 000-003 and
3FC-3FF in ten bit hexadecimal, or 00 and FF in eight bit
hexadecimal, used in the TRS-ID sync word. When the
occurrence of either all zeros or all ones at inputs PD2-PD9
is detected, the lower two bits PD0 and PD1 are forced to
zeros or ones respectively. For non-SMPTE standard
parallel data, the sync detector can be disabled through a
logic input, Sync Detect Disable (44).
2. SCRAMBLER
The scrambler is a linear feedback shift register used to
pseudo-randomize the incoming serial data according to
the fixed polynomial (X
9+X4+1). This minimizes the DC
component in the output serial data stream. The NRZ to
NRZI converter uses another polynomial (X+1) to convert a
long sequence of ones to a series of transitions, minimizing
polarity effects. These functions can be disabled by setting
the BYPASS pin (31) high.
3. PHASE LOCKED LOOP
The PLL performs parallel clock multiplication and provides
the timing signal for the serializer. It is composed of a
phase/frequency detector (with no dead zone), charge
pump, VCO, a divide-by-ten counter, and a divide-by-two
counter.
The phase/frequency detector allows a wider capture range
and faster lock time than with a phase discriminator alone.
The
discrimination
of
frequency
eliminates
harmonic
locking. With this type of discriminator, the PLL can be over-
damped for good stability without sacrificing lock time.
The charge pump delivers a 'charge packet' to the loop
filter which is proportional to the system phase error.
Internal voltage clamps are used to constrain the loop filter
voltage between approximately 1.8 and 3.4 volts.
The VCO is a differential low phase noise, factory trimmed
design that provides increased immunity to PBC noise and
precise control of the VCO centre frequency. The VCO can
operate in excess of 800MHz and has a pull range of ±15%
about the centre frequency. The single external resistor,
RVCO, sets the VCO frequency (see Figure 12).
4. VCO CENTRE FREQUENCY SELECTION
For a given RVCO value, the VCO can oscillate at one of two
frequencies. When SS0=logic 1, the VCO centre frequency
corresponds to the ƒL curve. For SS0=logic 0, the VCO
centre frequency corresponds to the ƒH curve (ƒH is
approximately 1.5 x ƒL).
Fig. 12
The recommended RVCO value for auto rate SMPTE 259M
applications is 374
Ω (see the Typical Application Circuit).
This value prevents false standards indication in auto mode.
For non-SMPTE applications (where data rates are x2
harmonically related) use Figure 12 to determine the RVCO
values.
The VCO and an internal divider generate the PLL clock.
Divider moduli of 1, 2, and 4 allow the PLL to lock to data
rates from 143Mb/s to 540Mb/s. The divider modulus is set
by the AUTO/MAN, and SS[2:0] pins (see Truth Table for
further details). In addition, a manually selectable modulus
8 divider allows operation at data rates as low as 18Mb/s
when RVCO is increased to 1kΩ.
When the loop is not locked, the lock detect circuit mutes
the serial data outputs. When the loop is locked, the Lock
Detect output is available from pin 20 and is HIGH.
The true and complement serial data, SDO and SDO, are
available from pins 24, 25, 27 and 28. These outputs drive
four 75
Ω co-axial cables with SMPTE level serial digital
video signals. To disable the outputs from pins 27 and 28
(SDO1, SDO1), remove the resistor connected to the RSET1
pin (30) and float the SDO1 ENABLE pin (19).
NOTE: Do NOT connect pin 19 to VCC.
RSET calculation:
where RLOAD = RPULL-UP || Z
0
100
200
300
400
500
600
700
800
0
200
400
600
800
1000
1200 1400
1600 1800
RVCO (Ω)
ƒH
ƒL
SSO=1
SSO=0
R
SET
1.154
R
LOAD
×
V
SDO
---------------------------------------
=


Similar Part No. - GS9032-CVM

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9035CCPJ GENNUM-GS9035CCPJ Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9035CCTJ GENNUM-GS9035CCTJ Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
More results

Similar Description - GS9032-CVM

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
   GENLINX-TM II EB9035 Evaluation Board
EB9021 GENNUM-EB9021 Datasheet
413Kb / 8P
   GENLINX-TM II EB9021 Evaluation Board
GS9021A GENNUM-GS9021A Datasheet
374Kb / 26P
   GENLINX -TM II GS9021A EDH Coprocessor
EB9024 GENNUM-EB9024 Datasheet
116Kb / 9P
   GENLINX-TM II EB9024 Evaluation Board
EB-RD35 GENNUM-EB-RD35 Datasheet
220Kb / 9P
   GENLINX-TM II EB-RD35 Evaluation Board
logo
List of Unclassifed Man...
GS9022 ETC-GS9022 Datasheet
160Kb / 7P
   Digital Video Serializer
logo
Gennum Corporation
GS7032 GENNUM-GS7032 Datasheet
184Kb / 9P
   Digital Video Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com