Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9035CCTJ Datasheet(PDF) 10 Page - Gennum Corporation

Part # GS9035CCTJ
Description  GENLINX II -TM GS9035C Serial Digital Reclocker
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9035CCTJ Datasheet(HTML) 10 Page - Gennum Corporation

Back Button GS9035CCTJ Datasheet HTML 6Page - Gennum Corporation GS9035CCTJ Datasheet HTML 7Page - Gennum Corporation GS9035CCTJ Datasheet HTML 8Page - Gennum Corporation GS9035CCTJ Datasheet HTML 9Page - Gennum Corporation GS9035CCTJ Datasheet HTML 10Page - Gennum Corporation GS9035CCTJ Datasheet HTML 11Page - Gennum Corporation GS9035CCTJ Datasheet HTML 12Page - Gennum Corporation GS9035CCTJ Datasheet HTML 13Page - Gennum Corporation GS9035CCTJ Datasheet HTML 14Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
GENNUM CORPORATION
20582 - 3
10 of 14
Fig. 14 Bode Plot for PLL Transfer Function
The 3dB bandwidth of the transfer function is approximately
9.2 Transfer Function Peaking
There are two causes of peaking in the PLL transfer function
given by Equation 1.
The first is the quadratic
which has
and
This response is critically damped for Q = 0.5.
Thus, to avoid peaking:
or
Therefore,
wP2 > 4 wBW
However, it is desirable to keep wP2 as low as possible to
reduce the high frequency content on the loop filter.
The second is the zero-pole combination:
This causes lift in the transfer function given by
To keep peaking to less than 0.05dB,
wZ < 0.0057 wBW
9.3 Selection of Loop Filter Components
Based on the above analysis, select the loop filter
components for a given PLL bandwidth, ƒ3dB, as follows:
1. Calculate
where
ΙCP is the charge pump current and is a function of the
RVCO resistor and is obtained from Figure 15.
Kƒ = 90MHz/V for VCO frequencies corresponding to
the ƒL curve.
Kƒ = 140MHz/V for VCO frequencies corresponding to
the ƒH curve.
N is the divider modulus.
L, ƒH and N can be obtained from Table 2 or Table 3).
2. Choose RLF = 2(3.14) ƒ3dB (0.78)L
3. Choose CLF1 = 174 L / (RLF)
2
4. Choose CLF2 = L/4(RLF)
2
WZ
0
WP1
WBW
WP2
FREQUENCY
w
3dB
w
BW
12
w
BW
w
P2
------------
w
BW wP2
()
2
12
w
BW
w
P2
------------
----------------------------------
+
----------------------------------------------------------------------
w
BW
0.78
------------
=
s
2
C
LF2Ls
L
R
LF
---------
1
++
w
O
1
C
LF2L
--------------------
=
QR
LF
C
LF2
L
-------------
=
R
LF
C
LF2
L
-------------
1
2
---
<
1
R
LFCLF2
-----------------------
L
R
LF
---------
4
>
sC
LF1RLF
1
+
sC
LF1RLF
L
R
LF
-----------

 1
+
-----------------------------------------------------------
s
w
Z
-------
1
+
s
w
P1
----------
1
+
--------------------
=
20 LOG
w
P1
w
Z
----------
20 LOG
1
1
w
Z
w
BW
------------
---------------------
=
2N
Ι
CPK
ƒ
L =


Similar Part No. - GS9035CCTJ

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
More results

Similar Description - GS9035CCTJ

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
   GENLINX-TM GS9004D Serial Digital Cable Equalizer
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
GS9015A GENNUM-GS9015A Datasheet
138Kb / 13P
   Serial Digital Reclocker
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
   GENLINX-TM II EB9035 Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com