Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9064-CKD Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS9064-CKD
Description  GS9064 SD SDI Adaptive Cable Equalizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9064-CKD Datasheet(HTML) 5 Page - Gennum Corporation

  GS9064-CKD Datasheet HTML 1Page - Gennum Corporation GS9064-CKD Datasheet HTML 2Page - Gennum Corporation GS9064-CKD Datasheet HTML 3Page - Gennum Corporation GS9064-CKD Datasheet HTML 4Page - Gennum Corporation GS9064-CKD Datasheet HTML 5Page - Gennum Corporation GS9064-CKD Datasheet HTML 6Page - Gennum Corporation GS9064-CKD Datasheet HTML 7Page - Gennum Corporation GS9064-CKD Datasheet HTML 8Page - Gennum Corporation GS9064-CKD Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
GENNUM CORPORATION
22212 - 2
5 of 10
2.3
AC ELECTRICAL CHARACTERISTICS
VCC = 3.3V , VEE = 0V , TA = 0°C to 70°C, 270Mb/s, unless otherwise shown
PARAMETER
SYMBOL
CONDITIONS
MIN
TYPICAL
MAX
UNITS
TEST
LEVEL
NOTES
Serial Input Data Rate
DRSDI
EQ active
143
-
540
Mb/s
6
-
Input Swing
∆V
SDI
Differential, TA =25°C
Cable length = 0m
720
800
950
mVp-p
1-
Output Swing
∆V
SDO
Differential, 50 ohm load, TA
=25°C
-750
-
mVp-p
1-
Maximum Equalized
Cable Length
270Mb/s, Belden 8281
0.20UI output jitter
EQ Pathological
-280
-
m
7
-
540Mb/s, Belden 8281
0.20UI output jitter
EQ Pathological
-180
-
m
7
-
Output Rise/Fall Time
tr, tf
20% - 80%
-
80
220
ps
1
-
Mismatch in Rise/Fall
Time
--
30
ps
1
-
Duty Cycle Distortion
-
-
100
ps
7
-
Overshoot
-
-
10
%
1
-
Input Return Loss
IRL
15
-
-
dB
7
-
TEST LEVELS
1.
Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2.
Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using
correlated test.
3.
Production test at room temperature and nominal supply voltage.
4.
QA sample test.
5.
Calculated result based on Level 1, 2, or 3.
6.
Not tested. Guaranteed by design simulations.
7.
Not tested. Based on characterization of nominal parts.
8.
Not tested. Based on existing design/characterization data of similar product.
9.
Indirect test.
10. Wafer Probe


Similar Part No. - GS9064-CKD

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9064A GENNUM-GS9064A Datasheet
320Kb / 16P
   GS9064A HD-LINX짰 II Adaptive Cable Equalizer
GS9064ACKDE3 GENNUM-GS9064ACKDE3 Datasheet
320Kb / 16P
   GS9064A HD-LINX짰 II Adaptive Cable Equalizer
More results

Similar Description - GS9064-CKD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com