Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9074ACNE3 Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS9074ACNE3
Description  GS9074A HD-LINX-R II Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9074ACNE3 Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS9074ACNE3 Datasheet HTML 2Page - Gennum Corporation GS9074ACNE3 Datasheet HTML 3Page - Gennum Corporation GS9074ACNE3 Datasheet HTML 4Page - Gennum Corporation GS9074ACNE3 Datasheet HTML 5Page - Gennum Corporation GS9074ACNE3 Datasheet HTML 6Page - Gennum Corporation GS9074ACNE3 Datasheet HTML 7Page - Gennum Corporation GS9074ACNE3 Datasheet HTML 8Page - Gennum Corporation GS9074ACNE3 Datasheet HTML 9Page - Gennum Corporation GS9074ACNE3 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
GS9074A Data Sheet
34166 - 3
March 2006
6 of 16
2.3 AC Electrical Characteristics
Table 2-2: AC Electrical Characteristics
VDD = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input data rate
DRSDO
143
360
Mb/s
Input Voltage Swing
ΔVSDI
TA =25°C, differential
720
800
950
mVp-p
1
Output Voltage Swing
ΔVSDO
100
Ω load, TA =25°C,
differential
750
mVp-p
Maximum Equalized Cable
Length
270Mb/s, Belden 1694A,
350m
–0.2
UI
2
270Mb/s, Belden 8281,
280m
–0.2
UI
2
360Mb/s, Belden 1694A,
190m
–0.25–
UI
2
360Mb/s, Belden 8281,
140m
–0.25–
UI
2
Output Rise/Fall time
20% - 80%
80
220
ps
Mismatch in rise/fall time
30
ps
Duty cycle distortion
100
ps
Overshoot
10
%
Input Return Loss
15
dB
Input Resistance
single ended
1.64
k
Ω
Input Capacitance
single ended
1
pF
Output Resistance
single ended
50
Ω
NOTES:
1. 0m cable length.
2. Equalizer Pathological.


Similar Part No. - GS9074ACNE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9074ACNE3 GENNUM-GS9074ACNE3 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
More results

Similar Description - GS9074ACNE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS2974A GENNUM-GS2974A Datasheet
618Kb / 16P
   HD-LINX III Adaptive Cable Equalizer
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com