Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9068-CTAE3 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS9068-CTAE3
Description  SD SDI Cable Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9068-CTAE3 Datasheet(HTML) 4 Page - Gennum Corporation

  GS9068-CTAE3 Datasheet HTML 1Page - Gennum Corporation GS9068-CTAE3 Datasheet HTML 2Page - Gennum Corporation GS9068-CTAE3 Datasheet HTML 3Page - Gennum Corporation GS9068-CTAE3 Datasheet HTML 4Page - Gennum Corporation GS9068-CTAE3 Datasheet HTML 5Page - Gennum Corporation GS9068-CTAE3 Datasheet HTML 6Page - Gennum Corporation GS9068-CTAE3 Datasheet HTML 7Page - Gennum Corporation GS9068-CTAE3 Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GENNUM CORPORATION
22213 - 2
4 of 8
2. ELECTRICAL CHARACTERISTICS
2.1 ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise indicated
PARAMETER
VALUE
Supply Voltage
-0.5V to 3.6 VDC
Input ESD Voltage
500V
Storage Temperature Range
-50°C < Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range
0°C to 70°C
Power Dissipation
300mW
Lead Temperature (soldering, 10 sec)
260°C
2.2 DC ELECTRICAL CHARACTERISTICS
VCC = 3.3V, VEE =0V, TA = 0°C to 70°C, 270Mb/s unless otherwise shown
PARAMETER
SYMBOL
CONDITIONS
MIN
TYPICAL
MAX
UNITS
TEST
LEVEL
Supply Voltage
VCC
3.1
3.3
3.5
V
3
Power
Consumption
PD
-160
-
mW
5
Supply Current
Ι
s
-48-
mA
1
Output Voltage
VOC
Common mode
-
VCC - ∆VSDO(SE)
-mV
6
Input Voltage
VIC
Common mode
1.6 +
∆V
SDI(DIFF)/2
-
VCC - ∆VSDI(DIFF)/2
mV
1
2.3 AC ELECTRICAL CHARACTERISTICS
VCC = 3.3V, VEE =0V, TA = 0°C to 70°C, 270Mb/s unless otherwise shown
PARAMETER
SYMBOL
CONDITIONS
MIN
TYPCAL
MAX
UNITS
TEST
LEVEL
Serial input data rate
DRSDI
-
-
540
Mb/s
1
Input Voltage Swing
∆V
SDI(DIFF)
Differential
300
-
2000
mVp-p
1
Output Voltage Swing
∆V
SDO(SE)
Single Ended into 75
Ω external
load
RSET = 750Ω
750
800
850
mVp-p
1
Additive jitter
--
30
ps
1
Rise/Fall time
tr, tf
20% - 80%
400
-
800
ps
1
Mismatch in rise/fall time
∆t
r, ∆tf
--
30
ps
1
Duty cycle distortion
-
-
100
ps
1
Overshoot
--
8
%
1
Output Return Loss
ORL
15
-
-
dB
7
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with
guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with
guardbands for supply and temperature ranges using correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1, 2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar
product.
9. Indirect test.
10. Wafer Probe
CAUTION
The GS9068 is sensitive to electrostatic discharge. Use
extreme caution, observing all ESD-prevention practices,
during handling and assembly. The SDI inputs of the GS9068
must be protected from electrostatic discharge and electrical
overstress during the handling and operation of circuit
assemblies containing the device.


Similar Part No. - GS9068-CTAE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9068-CTAE3 GENNUM-GS9068-CTAE3 Datasheet
445Kb / 11P
   SD SDI Cable Driver
More results

Similar Description - GS9068-CTAE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9068 GENNUM-GS9068_10 Datasheet
445Kb / 11P
   SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Gennum Corporation
GS9077 GENNUM-GS9077 Datasheet
278Kb / 14P
   HD-LINX III SD-SDI Cable Driver
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
logo
M/A-COM Technology Solu...
M21202 MA-COM-M21202 Datasheet
102Kb / 2P
   SD-SDI Broadcast Video Co-axial Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
logo
National Semiconductor ...
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com