Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9092A Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS9092A
Description  GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092A Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS9092A Datasheet HTML 2Page - Gennum Corporation GS9092A Datasheet HTML 3Page - Gennum Corporation GS9092A Datasheet HTML 4Page - Gennum Corporation GS9092A Datasheet HTML 5Page - Gennum Corporation GS9092A Datasheet HTML 6Page - Gennum Corporation GS9092A Datasheet HTML 7Page - Gennum Corporation GS9092A Datasheet HTML 8Page - Gennum Corporation GS9092A Datasheet HTML 9Page - Gennum Corporation GS9092A Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
GS9092A Data Sheet
34715 - 0
February 2006
6 of 59
1.2 Pin Descriptions
Table 1-1: Pin Descriptions
Pin
Number
Name
Timing
Type
Description
1
LF-
Analog
Input
Loop filter component connection. Connect to LF+ through a capacitor.
See Typical Application Circuit on page 56.
2
PLL_GND
Analog
Input
Power
Ground connection for phase-locked loop. Connect to GND.
3
PLL_VDD
Analog
Input
Power
Power supply connection for phase-locked loop. Connect to +1.8V DC.
4
CD_VDD
Analog
Input
Power
Power supply connection for serial digital cable driver. Connect to
+1.8V DC
5, 6
SDO, SDO
Analog
Output
Serial digital differential output pair.
NOTE: these output signals will be forced into a mute state if RESET is
LOW.
7
CD_GND
Analog
Input
Power
Ground connection for serial digital cable driver. Connect to GND.
8
NC
No connect.
9
RSET
Analog
Input
An external 1% resistor connected between this input and CD_VDD is
used to set the SDO / SDO output amplitude.
10
VBG
Analog
Input
Bandgap filter capacitor. Connect as shown in the Typical Application
Circuit on page 56
11
SDO_EN
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible
Used to enable or disable the serial digital output.
When set LOW by the application layer, the serial digital output signals
SDO and SDO are muted.
When set HIGH by the application layer, the serial digital output signals
are enabled.
SDO and SDO outputs will also be high impedance when the RESET
pin is LOW.


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com