Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPU60-D050I Datasheet(PDF) 2 Page - Total Power International

Part # HPU60-D050I
Description  UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19 COMPATIBLE EUROCARD 60 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HPU60 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

HPU60-D050I Datasheet(HTML) 2 Page - Total Power International

  HPU60-D050I Datasheet HTML 1Page - Total Power International HPU60-D050I Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
03/14/2002
DUAL OUTPUT
MAIN VO1
@#
AUX. VO2 ▲◇
MODEL NO.
Typ.
Volt.
Typ.
Volt.
HPU60-D030E
6.0A
3.0V
6.0A
5.0V
HPU60-D030I
6.0A
3.0V
3.0A
12.0V
HPU60-D050I
5.0A
5.0V
3.0A
12.0V
HPU60-D120I
2.5A
12.0V
2.5A
12.0V
HPU60-D050K
5.0A
5.0V
2.5A
15.0V
HPU60-D150K
2.0A
15.0V
2.0A
15.0V
HPU60-D050M
5.0A
5.0V
1.5A
24.0V
HPU60-D240M
1.4A
24.0V
1.4A
24.0V
SINGLE OUTPUT
MAIN VO1
@#
MODEL NO.
Typ.
Volt.
HPU60-S025180
18.0A
2.5V
HPU60-S033150
15.0A
3.3V
HPU60-S050120
12.0A
5.0V
HPU60-S060100
10.0A
6.0V
HPU60-S120050
5.0A
12.0V
HPU60-S150040
4.0A
15.0V
HPU60-S190030
3.0A
19.0V
HPU60-S240025
2.5A
24.0V
HPU60-S480013
1.3A
48.0V
TRIPLE OUTPUT
MAIN VO1
@◇
AUX. VO2 @▲◇ or●
AUX. VO3 ●◇
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HPU60-T050IE
(HPU60-30)
5.0A
5.0V
2.5A
12.0V
1.0A
5.0V
HPU60-T050KK
(HPU60-31)
5.0A
5.0V
2.0A
15.0V
0.5A
15.0V
HPU60-T050II
(HPU60-32)
5.0A
5.0V
2.5A
12.0V
0.5A
12.0V
HPU60-T030EI
6.0A
3.0V
5.0A
5.0V
1.0A
12.0V
HPU60-T030KK
6.0A
3.0V
2.0A
15.0V
0.5A
15.0V
HPU60-T030II
6.0A
3.0V
2.5A
12.0V
0.5A
12.0V
Symbol: "★" OVP built-in. "@" Adjustable.
"▲" Magnetic Amplifier" "●" Installed with Post Regulator.
"◇" Floating(or isolated)output. "#" Remote sensing.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 720.0g (25.4Oz.)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE OUTPUT
DUAL OUTPUT
TRIPLE OUTPUT
Status/
Control
ASSIGNMENT
AC-
L
AC-
N
AC-
G
+VO1 +S -VO1 -S
NC
+VO1 -VO1 +VO2 -VO2
NC
+VO1 -VO1 +VO2 -VO2 +VO3 -VO3 NC
Log.
Inh.
P.
Fail
CNTR & Pin#
28
30
32
4,6
8
12,14 10
16,18,
24,26
4
6
8
10
12,14,16
18,24,26
4,6
8,10
12
14
16
18
24,26 20
22
Mating connector: DIN 41612-H15 Female


Similar Part No. - HPU60-D050I

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HPU60-D050I HITRON-HPU60-D050I Datasheet
250Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
logo
RSG Electronic Componen...
HPU60-D050I RSG-HPU60-D050I Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
HPU60-D050I TOTAL-POWER-HPU60-D050I Datasheet
391Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC
HPU60-D050I TOTAL-POWER-HPU60-D050I Datasheet
390Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results

Similar Description - HPU60-D050I

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HPU60 HITRON-HPU60 Datasheet
250Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
logo
Total Power Internation...
HPU100-S033250 TOTAL-POWER-HPU100-S033250 Datasheet
324Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19 COMPATIBLE EUROCARD 100 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HPU100 SERIES
logo
HITRON ELECTRONICS CORP...
HPU300 HITRON-HPU300 Datasheet
253Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19??COMPATIBLE EUROCARD TRIPLE OUTPUT 300 WATTS SWITCHING MODE POWER SUPPLIES
HPU100 HITRON-HPU100 Datasheet
305Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 100 WATTS SWITCHING MODE POWER SUPPLIES
HIU45 HITRON-HIU45 Datasheet
283Kb / 2P
   UNIVERSAL AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45 WATTS SWITCHING MODE POWER SUPPLIES
HPD65 HITRON-HPD65 Datasheet
283Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
HSU393 HITRON-HSU393 Datasheet
584Kb / 2P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES
logo
Total Power Internation...
HSU200 TOTAL-POWER-HSU200 Datasheet
225Kb / 2P
   AUTO-RANGING AC INPUT AC-DC MULTIPLE OUTPUT 200 WATTS 19 COMPATIBLE DOUBLE EUROCARD SWITCHING POWER SUPPLIES HSU200 SERIES
logo
HITRON ELECTRONICS CORP...
HSU160 HITRON-HSU160 Datasheet
232Kb / 2P
   AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE EUROCARD SINGLE OUTPUT 160 WATTS SWITCHING MODE POWER SUPPLIES
logo
Total Power Internation...
HSU393 TOTAL-POWER-HSU393 Datasheet
483Kb / 2P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HSU393 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com