Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSAU100 Datasheet(PDF) 4 Page - Total Power International

Part # MSAU100
Description  MSAU100 SERIES 1 WATT ULTRA MINIATURE SMD DC/DC CONVERTERS SINGLE OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSAU100 Datasheet(HTML) 4 Page - Total Power International

  MSAU100 Datasheet HTML 1Page - Total Power International MSAU100 Datasheet HTML 2Page - Total Power International MSAU100 Datasheet HTML 3Page - Total Power International MSAU100 Datasheet HTML 4Page - Total Power International MSAU100 Datasheet HTML 5Page - Total Power International MSAU100 Datasheet HTML 6Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Infra-Red Soldering
Vapour Phase Soldering
with Pre-Heating
NOTE:
1. Specifications typical at Ta=+25],resistive load,nominal input voltage,rated output current unless otherwise noted.
2. Other input and output voltage may be available,Please contact factory.
3. Specifications subject to change without notice.
50
75
100
125
150
250
225
200
175
25
0
0
50
100
150
200
245
300
Time ( Seconds )
180
215
260
280
2 OC / S
130 OC
10S
10S
40S
Min.
Typ.
Max.
50
75
100
125
150
250
225
200
175
25
0
0
50
100
150
200
250
300
Time ( Seconds )
180
215
Max. 2 OC / S
External Preheating
20...40S
Forced
Cooling
Typ.
Max.
Internal Preheating
( By Second Vapour )
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-4-
TOTAL POWER INT'L
MSAU100


Similar Part No. - MSAU100

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSAU100 MINMAX-MSAU100 Datasheet
237Kb / 8P
   1W, Miniature SMD, Single Output DC/DC Converters
MSAU100 MINMAX-MSAU100_11 Datasheet
265Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU100 MINMAX-MSAU100_15 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Total Power Internation...
MSAU100 TOTAL-POWER-MSAU100_17 Datasheet
454Kb / 4P
   SMD Package with Industry Standard Pinout
More results

Similar Description - MSAU100

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
DC100 INTRONICS-DC100 Datasheet
247Kb / 1P
   1 WATT SINGLE OUTPUT DC-DC CONVERTERS
logo
Total Power Internation...
MSAU200 TOTAL-POWER-MSAU200 Datasheet
167Kb / 6P
   1 Watts Ultra Miniature SMD DC/DC Converters
logo
Minmax Technology Co., ...
MSAU100 MINMAX-MSAU100 Datasheet
237Kb / 8P
   1W, Miniature SMD, Single Output DC/DC Converters
logo
Wall Industries,Inc.
LANEC WALL-LANEC Datasheet
112Kb / 2P
   Single Output, to 1 Watt dc/dc converters
logo
Total Power Internation...
MAU100 TOTAL-POWER-MAU100 Datasheet
309Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters Single and Dual Outputs
logo
List of Unclassifed Man...
MAU101 ETC-MAU101 Datasheet
69Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
logo
MicroPower Direct, LLC
LF100S MPD-LF100S Datasheet
477Kb / 4P
   Ultra-Miniature, 1W Single Output SMT DC/DC Converters
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
   2W, Single Output Ultra-Miniature SMT DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
   Ultra-Miniature, 2W Single Output SMT DC/DC Converters
I500ERW MPD-I500ERW Datasheet
178Kb / 2P
   Ultra-Miniature 5W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com