Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSAU113 Datasheet(PDF) 3 Page - Total Power International

Part # MSAU113
Description  MSAU100 SERIES 1 WATT ULTRA MINIATURE SMD DC/DC CONVERTERS SINGLE OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSAU113 Datasheet(HTML) 3 Page - Total Power International

  MSAU113 Datasheet HTML 1Page - Total Power International MSAU113 Datasheet HTML 2Page - Total Power International MSAU113 Datasheet HTML 3Page - Total Power International MSAU113 Datasheet HTML 4Page - Total Power International MSAU113 Datasheet HTML 5Page - Total Power International MSAU113 Datasheet HTML 6Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Derating Curve
Connecting Pin Patterns
Typical Applications
0.5 Second Max.
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
---
---
120
Over Load
mV rms.
5
---
---
Ripple & Noise (20MHz)
mV P-P
150
---
---
Over Line,Load & Temp.
Ripple & Noise (20MHz)
mV P-P
120
60
---
Ripple & Noise (20MHz)
%
See Model Selection Guide
Io=20% to 100%
Load Regulation
%
{1.5
{1.2
---
For Vin Change 1%
Line Regulation
%
{3.0
{1.0
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
200mA Slow - Blow Type
500mA Slow - Blow Type
12V Input Models
5V Input Models
Input Fuse Selection Guide
-25
-10
0
20
60
40
80
100
125
Output
Power
%
Ambient Temperature OC
Output
Power
%
20
40
60
80
100
0
20
40
60
80
100
0
-5% / OC
2.54mm
7.62mm
10.8mm
1.7mm
1.0mm Min
+Out
-Out
+Vin
-Vin
Single Output
DC / DC
Converter
Load
DC Power
Source
+
-
Fuse
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-3-
TOTAL POWER INT'L
MSAU100


Similar Part No. - MSAU113

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSAU113 MINMAX-MSAU113 Datasheet
237Kb / 8P
   1W, Miniature SMD, Single Output DC/DC Converters
MSAU113 MINMAX-MSAU113 Datasheet
265Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU113 MINMAX-MSAU113 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Total Power Internation...
MSAU113 TOTAL-POWER-MSAU113 Datasheet
454Kb / 4P
   SMD Package with Industry Standard Pinout
More results

Similar Description - MSAU113

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
DC100 INTRONICS-DC100 Datasheet
247Kb / 1P
   1 WATT SINGLE OUTPUT DC-DC CONVERTERS
logo
Total Power Internation...
MSAU200 TOTAL-POWER-MSAU200 Datasheet
167Kb / 6P
   1 Watts Ultra Miniature SMD DC/DC Converters
logo
Minmax Technology Co., ...
MSAU100 MINMAX-MSAU100 Datasheet
237Kb / 8P
   1W, Miniature SMD, Single Output DC/DC Converters
logo
Wall Industries,Inc.
LANEC WALL-LANEC Datasheet
112Kb / 2P
   Single Output, to 1 Watt dc/dc converters
logo
Total Power Internation...
MAU100 TOTAL-POWER-MAU100 Datasheet
309Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters Single and Dual Outputs
logo
List of Unclassifed Man...
MAU101 ETC-MAU101 Datasheet
69Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
logo
MicroPower Direct, LLC
LF100S MPD-LF100S Datasheet
477Kb / 4P
   Ultra-Miniature, 1W Single Output SMT DC/DC Converters
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
   2W, Single Output Ultra-Miniature SMT DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
   Ultra-Miniature, 2W Single Output SMT DC/DC Converters
I500ERW MPD-I500ERW Datasheet
178Kb / 2P
   Ultra-Miniature 5W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com