Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78L05XM3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # LM78L05XM3
Description  Low Current Positive Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78L05XM3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  LM78L05XM3 Datasheet HTML 1Page - Cystech Electonics Corp. LM78L05XM3 Datasheet HTML 2Page - Cystech Electonics Corp. LM78L05XM3 Datasheet HTML 3Page - Cystech Electonics Corp. LM78L05XM3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C515M3
Issued Date : 2003.04.02
Revised Date : 2005.01.11 .
Page No. : 2/4
LM78L05XM3
CYStek Product Specification
Electrical Characteristics
Vin=10V, Io=40mA, Tj=25
°C Cin=0.33uF, Cout=0.1uF (unless otherwise noted)
LM78L05A
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
4.85
5
5.15
7V
≤Vin≤25V, 1mA≤Io≤40mA
4.75
5
5.25
Vo
Output Voltage
1mA
≤Io≤70mA
4.75
5
5.25
V
7V
≤Vin≤20V
-
-
150
∆Vo
Line Regulation
8V
≤Vin≤20V
-
-
100
mV
1mA
≤Io≤100mA
-
-
60
∆Vo
Load Regulation
1mA
≤Io≤40mA
-
-
30
mV
IQ
Quiescent Current
Ta=25
°C
-
-
5
mA
8V
≤Vin≤20V
-
-
1
∆IQ
Quiescent Current
Change
1mA
≤Io≤40mA
-
-
0.1
mA
Vn
Output Noise Voltage
10Hz
≤f≤100KHz
-
40
-
uV
∆Vin / ∆Vout Ripple Rejection
8V
≤Vin≤16V, f=120Hz
47
62
-
dB
Ipk
Peak Output Current
Ta=25
°C
-
140
-
mA
VD
Dropout Voltage
Ta=25
°C
-
1.7
-
V
LM78L05B
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
4.75
5
5.25
7V
≤Vin≤25V, 1mA≤Io≤40mA
4.75
5
5.25
Vo
Output Voltage
1mA
≤Io≤70mA
4.75
5
5.25
V
7V
≤Vin≤20V
-
-
150
∆Vo
Line Regulation
8V
≤Vin≤20V
-
-
100
mV
1mA
≤Io≤100mA
-
-
60
∆Vo
Load Regulation
1mA
≤Io≤40mA
-
-
30
mV
IQ
Quiescent Current
Ta=25
°C
-
-
5
mA
8V
≤Vin≤20V
-
-
1
∆IQ
Quiescent Current
Change
1mA
≤Io≤40mA
-
-
0.1
mA
Vn
Output Noise Voltage
10Hz
≤f≤100KHz
-
40
-
uV
∆Vin / ∆Vout Ripple Rejection
8V
≤Vin≤16V, f=120Hz
47
62
-
dB
Ipk
Peak Output Current
Ta=25
°C
-
140
-
mA
VD
Dropout Voltage
Ta=25
°C
-
1.7
-
V


Similar Part No. - LM78L05XM3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM78L05XA3 CYSTEKEC-LM78L05XA3 Datasheet
181Kb / 5P
   Three Terminal Low Current Positive Voltage Regulators
More results

Similar Description - LM78L05XM3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM78LXXA3 CYSTEKEC-LM78LXXA3 Datasheet
354Kb / 9P
   Low Current Positive Voltage Regulator
logo
Cypress Semiconductor
PL78L08XM3 CYPRESS-PL78L08XM3 Datasheet
154Kb / 4P
   Low Current Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM78L18A3 CYSTEKEC-LM78L18A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
PL78L09XM3 CYSTEKEC-PL78L09XM3 Datasheet
153Kb / 4P
   Low Current Positive Voltage Regulator
LM78L05A3 CYSTEKEC-LM78L05A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L06A3 CYSTEKEC-LM78L06A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09M3 CYSTEKEC-LM78L09M3 Datasheet
167Kb / 5P
   Low Current Positive Voltage Regulator
LM78L05AM3 CYSTEKEC-LM78L05AM3 Datasheet
126Kb / 5P
   Low Current Positive Voltage Regulator
LM78L08Q8 CYSTEKEC-LM78L08Q8 Datasheet
363Kb / 11P
   Low Current Positive Voltage Regulator
LM78L09XM3 CYSTEKEC-LM78L09XM3 Datasheet
122Kb / 5P
   Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com