Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL79L05XA3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # PL79L05XA3
Description  Three Terminal Low Current Negative Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL79L05XA3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  PL79L05XA3 Datasheet HTML 1Page - Cystech Electonics Corp. PL79L05XA3 Datasheet HTML 2Page - Cystech Electonics Corp. PL79L05XA3 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C530A3
Issued Date : 2003.04.04
Revised Date :
. .
Page No. : 3/3
PL79L05A3
CYStek Product Specification
TO-92 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1704
0.1902
4.33
4.83
G
0.0142
0.0220
0.36
0.56
B
0.1704
0.1902
4.33
4.83
H
-
*
0.1000
-
*
2.54
C
0.5000
-
12.70
-
I
-
*
0.0500
-
*
1.27
D
0.0142
0.0220
0.36
0.56
α1
-
*
5
°
-
*
5
°
E
-
*
0.0500
-
*
1.27
α2
-
*
2
°
-
*
2
°
F
0.1323
0.1480
3.36
3.76
α3
-
*
2
°
-
*
2
°
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
79L05
3
1
A
D
B
C
I
α1
E
F
α2
α3
G
H
2
Style: Pin 1.GND 2.Vin 3.Vout
3-Lead TO-92 Plastic Package
CYStek Package Code: A3


Similar Part No. - PL79L05XA3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL79L12AA3 CYSTEKEC-PL79L12AA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
PL79L12BA3 CYSTEKEC-PL79L12BA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
PL79L12XA3 CYSTEKEC-PL79L12XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
More results

Similar Description - PL79L05XA3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM79L05A3 CYSTEKEC-LM79L05A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
logo
List of Unclassifed Man...
79600A ETC-79600A Datasheet
82Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
79LXXA ETC1-79LXXA Datasheet
85Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
logo
Cystech Electonics Corp...
PL79L12XA3 CYSTEKEC-PL79L12XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
LM79L12A3 CYSTEKEC-LM79L12A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
logo
Motorola, Inc
MC79L00 MOTOROLA-MC79L00 Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com