Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PL79L12XA3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

Part No. PL79L12XA3
Description  Three Terminal Low Current Negative Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYSTEKEC [Cystech Electonics Corp.]
Homepage  http://www.cystekec.com
Logo 

PL79L12XA3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 3 page
background image
CYStech Electronics Corp.
Spec. No. : C531A3
Issued Date : 2003.04.08
Revised Date :
. .
Page No. : 3/3
PL79L12A3
CYStek Product Specification
TO-92 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1704
0.1902
4.33
4.83
G
0.0142
0.0220
0.36
0.56
B
0.1704
0.1902
4.33
4.83
H
-
*
0.1000
-
*
2.54
C
0.5000
-
12.70
-
I
-
*
0.0500
-
*
1.27
D
0.0142
0.0220
0.36
0.56
α1
-
*
5
°
-
*
5
°
E
-
*
0.0500
-
*
1.27
α2
-
*
2
°
-
*
2
°
F
0.1323
0.1480
3.36
3.76
α3
-
*
2
°
-
*
2
°
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
79L12
3
1
A
D
B
C
I
α1
E
F
α2
α3
G
H
2
Style: Pin 1.GND 2.Vin 3.Vout
3-Lead TO-92 Plastic Package
CYStek Package Code: A3


Html Pages

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn