Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL1085-2.5 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # PL1085-2.5
Description  3A Low Dropout Positive Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL1085-2.5 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  PL1085-2.5 Datasheet HTML 1Page - Cystech Electonics Corp. PL1085-2.5 Datasheet HTML 2Page - Cystech Electonics Corp. PL1085-2.5 Datasheet HTML 3Page - Cystech Electonics Corp. PL1085-2.5 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C540J3
Issued Date : 2003.06.25
Revised Date :
Page No. : 4/4
PL1085J3
CYStek Product Specification
TO-252 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.0177
0.0217
0.45
0.55
G
0.0866
0.1102
2.20
2.80
B
0.0650
0.0768
1.65
1.95
H
-
*0.0906
-
*2.30
C
0.0354
0.0591
0.90
1.50
I
-
0.0354
-
0.90
D
0.0177
0.0236
0.45
0.60
J
-
0.0315
-
0.80
E
0.2520
0.2677
6.40
6.80
K
0.2047
0.2165
5.20
5.50
F
0.2125
0.2283
5.40
5.80
L
0.0551
0.0630
1.40
1.60
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
B
A
C
E
H
I
J
K
3
2
1
D
F
G
L
Style: Pin 1.Adj(GND) 2.Vout(TAB) 3.Vin
3-Lead TO-252 Plastic Surface Mount Package
CYStek Package Code: J3
Marking:
1085-XXX


Similar Part No. - PL1085-2.5

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL1085-2.5 CYSTEKEC-PL1085-2.5 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-2.5 CYSTEKEC-PL1085-2.5 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-2.5E3 CYSTEKEC-PL1085-2.5E3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-2.5F3 CYSTEKEC-PL1085-2.5F3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
More results

Similar Description - PL1085-2.5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
   3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
   3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
   3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_07 Datasheet
425Kb / 8P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1085-XXXJ3 CYSTEKEC-LM1085-XXXJ3 Datasheet
329Kb / 9P
   3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com