Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-750-5 Datasheet(PDF) 2 Page - Total Power International

Part # SP-750-5
Description  750W Single Output Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

SP-750-5 Datasheet(HTML) 2 Page - Total Power International

  SP-750-5 Datasheet HTML 1Page - Total Power International SP-750-5 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics
CaseNo.919A
Unit:mm
AMBIENTTEMPERATURE(
)
20
40
60
80
100
INPUTVOLTAGE(VAC)60Hz
90
95
100
115
260
90
100
85
70
60
50
40
-20
0
10
20
30
40 45 50
60
70
ACInput TerminalPin.No. Assignment
PinNo.
1
3
2
Assignment
FG
AC/N
AC/L
DCOutput TerminalPin.No Assignment
PinNo.
1
2
Assignment
DCOUTPUT +V
DCOUTPUT -V
ControlPin.No Assignment:MOLEX5559-NP uses5558malecrimpterminal
PinNo.
PinNo.
5
1
6
2
7
8
3
4
Assignment
Assignment
NC
NC
PF(Powerfailsignal)
-S
+S
RC+
G
RC-
Matingconnector
MOLEX5557-NR
Terminal
MOLEX5556
Femalecrimp
Terminal
receptacle
5 1
8
7
6
3
4
2
CONTROL
278
3
I/P
2
1
TOP VIEW
BOTTOMVIEW
251
240
4-M3
4-M3
5
O/P
113
4-M3L=6
7
24.75
1
2
16
220
220
4-M3
16
OTHERS
5V
Airflow
direction
750WSingleOutputPowerSupply
S P - 7 5 0 series
TOTAL POWER INT'L
Total Power Int'l
418 Bridge Street
Lowell, MA 01850
PH: 978-453-7272
FX: 978-453-7395
Web: www.total-power.com Sales: sales@total-power.com


Similar Part No. - SP-750-5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP-750-5 ASTRODYNE-SP-750-5 Datasheet
343Kb / 3P
   750W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-750-5 MEANWELL-SP-750-5 Datasheet
348Kb / 3P
   750W Single Output Power Supply
logo
RSG Electronic Componen...
SP-750-5 RSG-SP-750-5 Datasheet
144Kb / 3P
   750W Single Output Power Supply
logo
Mean Well Enterprises C...
SP-750-5 MEANWELL-SP-750-5 Datasheet
350Kb / 3P
   750W Single Output Power Supply
SP-750-5 MEANWELL-SP-750-5 Datasheet
351Kb / 3P
   750W Single Output Power Supply
More results

Similar Description - SP-750-5

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
SP-750 RSG-SP-750 Datasheet
144Kb / 3P
   750W Single Output Power Supply
logo
Mean Well Enterprises C...
SP-750 MEANWELL-SP-750 Datasheet
348Kb / 3P
   750W Single Output Power Supply
SP-750 MEANWELL-SP-750_10 Datasheet
350Kb / 3P
   750W Single Output Power Supply
SP-750_1109 MEANWELL-SP-750_1109 Datasheet
351Kb / 3P
   750W Single Output Power Supply
RSP-750 MEANWELL-RSP-750 Datasheet
162Kb / 5P
   750W Single Output Power Supply
logo
List of Unclassifed Man...
EFRP-G2753 ETC2-EFRP-G2753 Datasheet
445Kb / 2P
   ERP2U 750W Server Power Supply
logo
Astrodyne Corporation
SP-750 ASTRODYNE-SP-750 Datasheet
343Kb / 3P
   750W Single Output with PFC Function
SP750 ASTRODYNE-SP750 Datasheet
761Kb / 5P
   750W Single Output with PFC Function
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
RSP-3000 TOTAL-POWER-RSP-3000 Datasheet
377Kb / 6P
   3000W Single Output Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com