Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-40 Datasheet(PDF) 1 Page - Total Power International

Part # T-40
Description  40W Triple Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

T-40 Datasheet(HTML) 1 Page - Total Power International

  T-40 Datasheet HTML 1Page - Total Power International T-40 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
SPECIFICATION
MODEL
T-40A
T-40B
T-40C
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDTIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
12V
-5V
5V
12V
-12V
5V
15V
-15V
3A
2A
0.5A
3A
2A
0.5A
3A
1.5A
0.5A
0.6~5A
0.2~3A
0.1~1A
0.6~5A
0.2~3A
0.1~1A
0.6~5A
0.2~2A
0.1~1A
41.5W
45W
45W
100mVp-p
120mVp-p
100mVp-p
100mVp-p
120mVp-p
120mVp-p
100mVp-p
120mVp-p
120mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
CH1:4.75~5.5V
2.0%
6.0%
8.0%
2.0%
6.0%
8.0%
2.0%
6.0%
6.0%
0.5%
0.5%
1.0%
1.0%
0.5%
0.5%
1.0%
1.0%
0.5%
0.5%
1.0%
1.0%
4.0%
6.0%
4.0%
6.0%
4.0%
4.0%
800ms,50ms,60ms/230VAC1.6s,50ms,16ms/115VACatfullload
85~264VAC120~370VDC
47~63Hz
72%/115VAC
72%/115VAC
72%/115VAC
5V:5.75~6.75V
1.2A/115VAC0.7A/230VAC
COLDSTART 20A/115VAC40A/230VAC
<3.5mA /240VAC
105~150%/115VAC ofrateload
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
CSA 950,(UL1950,IEC950, TUVEN60950) Approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,Lightindustrylevel,criteria A
-10~+60
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
305.6Khrsmin.MIL-HDBK-217F(25
)
129*98*38mm(L*W*H)
0.45Kg;30pcs/13.5Kg/0.86CUFT
40W TripleOutputSwitchingPowerSupply
Universal AC input / Full range
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at 40KHz
2 years warranty
Features :
T- 4 0 series
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
TOTAL POWER INT'L


Similar Part No. - T-40

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
T-40 MEANWELL-T-40 Datasheet
387Kb / 2P
   40W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
T-40 RSG-T-40 Datasheet
167Kb / 2P
   40W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
T-40 MEANWELL-T-40 Datasheet
395Kb / 2P
   40W Triple Output Switching Power Supply
logo
Tyco Electronics
T-400FR MACOM-T-400FR Datasheet
48Kb / 1P
   CABLE BREAKOUT BOOTS, THREE ENTRY
logo
Mean Well Enterprises C...
T-40A MEANWELL-T-40A Datasheet
387Kb / 2P
   40W Triple Output Switching Power Supply
More results

Similar Description - T-40

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
T-40 MEANWELL-T-40 Datasheet
387Kb / 2P
   40W Triple Output Switching Power Supply
T-40 MEANWELL-T-40_10 Datasheet
395Kb / 2P
   40W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
T-40 RSG-T-40 Datasheet
167Kb / 2P
   40W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
HLN-40H MEANWELL-HLN-40H Datasheet
339Kb / 5P
   40W Single Output Switching Power Supply
HLG-40H_1108 MEANWELL-HLG-40H_1108 Datasheet
378Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
S-40 MEANWELL-S-40_10 Datasheet
409Kb / 2P
   40W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com