Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-500-24 Datasheet(PDF) 2 Page - Total Power International

Part # SP-500-24
Description  500W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

SP-500-24 Datasheet(HTML) 2 Page - Total Power International

  SP-500-24 Datasheet HTML 1Page - Total Power International SP-500-24 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
TerminalPin.No Assignment
CaseNo.910Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
115
88
135
155
230
264
90
100
80
70
60
50
40
-10
0
10
20
30
40
45
50 (HORIZONTAL)
20
40
60
80
100
PinNo.
PinNo.
PinNo.
PinNo.
1
4,5
8
15
12~14
9~11
3
2
6
7
Assignment
Assignment
Assignment
Assignment
NC
+S
-S
DCOUTPUT -V
DCOUTPUT +V
R.C.G
R.C.
FG
AC/N
AC/L
9.5
11.5
8
11.5
120
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
170
150
150
2-M3L=16mmmax.
2-M3L=4mmmax.
2-M3L=16mmmax.
2-M3L=4mmmax.
7A
50/60Hz
100-240VAC
INPUT
SP-500-24
(AC)
L
N
FG
NC
NC
R.C.
-S
-V
+24V20A
+S
+V ADJ.
MADEIN TAIWAN
500WSingleOutputwithPFCFunction
S P - 5 0 0 series
BAUART
GEPRUFT
TYPE
APPROVED
TUV
Rheinland
ProductSafety
E183223
LEVEL5
SHORT:ON
OPEN:OFF
R.C.G


Similar Part No. - SP-500-24

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP-500-24 ASTRODYNE-SP-500-24 Datasheet
335Kb / 2P
   500W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-500-24 MEANWELL-SP-500-24 Datasheet
372Kb / 2P
   500W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-500-24 RSG-SP-500-24 Datasheet
144Kb / 2P
   500W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-500-24 MEANWELL-SP-500-24 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
SP-500-24 MEANWELL-SP-500-24 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
More results

Similar Description - SP-500-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SP-500 MEANWELL-SP-500 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
PSP-500 MEANWELL-PSP-500 Datasheet
372Kb / 2P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500 Datasheet
324Kb / 4P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500_10 Datasheet
326Kb / 4P
   500W Single Output with PFC Function
SP-500_1111 MEANWELL-SP-500_1111 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
logo
Astrodyne Corporation
SP-500 ASTRODYNE-SP-500 Datasheet
335Kb / 2P
   500W Single Output with PFC Function
logo
Mean Well Enterprises C...
RSP-500 MEANWELL-RSP-500 Datasheet
558Kb / 3P
   500W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-500 RSG-SP-500 Datasheet
144Kb / 2P
   500W Single Output with PFC Function
logo
Total Power Internation...
PSP-500 TOTAL-POWER-PSP-500 Datasheet
212Kb / 5P
   500W with PFC and Parallel Function
logo
RSG Electronic Componen...
PSP-500 RSG-PSP-500 Datasheet
286Kb / 5P
   500W with PFC and Parallel Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com