Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2A01R Datasheet(PDF) 1 Page - Total Power International

Part # S2A01R
Description  S2A00R SERIES 3 WATT LOW COST DIP DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

S2A01R Datasheet(HTML) 1 Page - Total Power International

  S2A01R Datasheet HTML 1Page - Total Power International S2A01R Datasheet HTML 2Page - Total Power International S2A01R Datasheet HTML 3Page - Total Power International S2A01R Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Key Features
l Low Cost
l Regulated Outputs
l 40mV P-P Ripple and Noise
l I / O Isolation 500VDC
l Short Circuit Protected
l MTBF > 600,000 Hours
Mechanical Configuration
1.25 (31.8)
0.02 DIA
(0.5)
0.10
(2.54)
0.08
(2.0)
0.40
(10.2)
0.15 (3.8)
0.60
(15.2)
0.80
(20.3)
1
24
All dimensions typical in inches (mm). Tolerance= +/- 0.01 (+/- 0.25)
12
13
Bottom
Side
0.10 (2.54)
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
Com.
-Vo
Positive
Regulator
Negative
Regulator
LC
Filter
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
-Vo
Low
Dropout
Regulator
LC
Filter
NC:No Connection.
-Input
-Input
12,13
+Output
+Output
11,14
Common
-Output
10,15
Common
NC
3,22
-Output
NC
2,23
+Input
+Input
1,24
Dual Output
Single Output
Pin
Pin Connections
14g
Weight
Black Coated Metal
Case Material
31.8*20.3*10.2 mm
1.25*0.8*0.4 inches
Case Size
Physical Characteristics
TOTAL POWER INT'L
S2A00R Series 3 Watt Low Cost DIP DC/DC Converters
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-1-
Single & Dual Output


Similar Part No. - S2A01R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S2A0 ETC2-S2A0 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - S2A01R

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
S200R MINMAX-S200R Datasheet
233Kb / 6P
   2W, Low Cost DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
S2D00R TOTAL-POWER-S2D00R Datasheet
153Kb / 4P
   S2D00R SERIES 2 - 3 WATT HIGH / IN ISOLATION DIP DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
logo
Artesyn Technologies
PM700 ARTESYN-PM700 Datasheet
36Kb / 2P
   Single and dual output 3 Watt Nominal input DC/DC converters
logo
Murata Manufacturing Co...
BWR-12 MURATA-BWR-12 Datasheet
136Kb / 4P
   3 Watt, Dual Output DC/DC Converters
UWR-12250 MURATA-UWR-12250 Datasheet
135Kb / 4P
   3 Watt, Single Output DC/DC Converters
logo
Intronics Power, Inc.
DC800 INTRONICS-DC800 Datasheet
202Kb / 1P
   5 WATT SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
MicroPower Direct, LLC
D100E MPD-D100E Datasheet
183Kb / 2P
   Low Cost, 1W SIP Single & Dual Output DC/DC Converters
G100E MPD-G100E Datasheet
183Kb / 2P
   Low Cost, 1W MiniDIP Single & Dual Output DC/DC Converters
D200E MPD-D200E Datasheet
181Kb / 2P
   Low Cost, 2W SIP Single & Dual Output DC/DC Converters
logo
Intronics Power, Inc.
DC-1700 INTRONICS-DC-1700 Datasheet
192Kb / 1P
   15 Watt Single & Dual Output DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com