Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDS121 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # IDS121
Description  10W, Step-Down, Single Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

IDS121 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  IDS121 Datasheet HTML 1Page - Minmax Technology Co., Ltd. IDS121 Datasheet HTML 2Page - Minmax Technology Co., Ltd. IDS121 Datasheet HTML 3Page - Minmax Technology Co., Ltd. IDS121 Datasheet HTML 4Page - Minmax Technology Co., Ltd. IDS121 Datasheet HTML 5Page - Minmax Technology Co., Ltd. IDS121 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Derating Curve
]
Ambient Temperature
0
20
40
60
80
100
-25
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
Efficiency vs Output Load
Efficiency vs Input Voltage
20
30
40
50
60
70
80
90
Load Current (%)
100
60
40
20
10
80
50
60
70
80
90
100
Input Voltage (V)
Nom
Low
High
IDS100 Series
4
MINMAX
REV:0 2005/04


Similar Part No. - IDS121

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
IDS121 TOTAL-POWER-IDS121 Datasheet
360Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
More results

Similar Description - IDS121

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
IDS100 TOTAL-POWER-IDS100 Datasheet
360Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
logo
C&D Technologies
NCX10S CANDD-NCX10S Datasheet
837Kb / 5P
   Isolated 10W Single Output DC/DC Converters
NPH10S CANDD-NPH10S Datasheet
103Kb / 2P
   Isolated 10W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NPH10S2405IC MURATA-NPH10S2405IC Datasheet
281Kb / 8P
   Isolated 10W Single Output DC/DC Converters
logo
MicroPower Direct, LLC
A1100RW MPD-A1100RW Datasheet
171Kb / 2P
   Miniature, 10W DIP Single & Dual Output DC/DC Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
logo
Murata Manufacturing Co...
BWR-5 MURATA-BWR-5 Datasheet
151Kb / 5P
   7-10W, Dual Output DC/DC converters
BWR-15 MURATA-BWR-15 Datasheet
151Kb / 5P
   7-10W, Dual Output DC/DC converters
logo
Torex Semiconductor
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com