Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAU306 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MAU306
Description  2W, Miniature SIP, Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MAU306 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MAU306 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MAU306 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MAU306 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MAU306 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MAU306 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MAU306 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
82
5
100
{1
{66
{15
MAU327
81
5
102
{1.5
{83
{12
MAU326
79
8
105
{4
{200
{5
MAU325
82
5
101
2.5
133
15
MAU324
81
5
101
3
165
12
MAU323
77
8
108
8
400
5
MAU322
74
8
15
92
10
500
3.3
24
(21.6 ~ 26.4)
MAU321
82
5
200
{1
{66
{15
MAU317
82
5
201
{1.5
{83
{12
MAU316
79
8
210
{4
{200
{5
MAU315
83
5
200
2.5
133
15
MAU314
82
5
200
3
165
12
MAU313
78
8
212
8
400
5
MAU312
74
8
30
185
10
500
3.3
12
(10.8 ~ 13.2)
MAU311
79
7
501
{1
{66
{15
MAU307
79
7
504
{1.5
{83
{12
MAU306
77
10
519
{4
{200
{5
MAU305
80
7
499
2.5
133
15
MAU304
80
7
495
3
165
12
MAU303
76
11
526
8
400
5
MAU302
73
11
60
452
10
500
3.3
5
(4.5 ~ 5.5)
MAU301
% (Typ.)
% (Max.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Load
Regulation
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-40
Storage Temperature
]
+90
-40
Case
Operating Temperature
]
+85
-40
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
650
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
30
-0.7
24VDC Input Models
VDC
18
-0.7
12VDC Input Models
VDC
9
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Ripple & Noise measurement bandwidth is 0-20
MHz.
3. These power converters require a minimum output
loading to maintain specified regulation.
4. Operation under no-load conditions will not
damage these modules; however, they may not
meet all specifications listed.
5. All DC/DC converters should be externally fused at
the front end for protection.
6. Other input and output voltage may be available,
please contact factory.
7. Specifications subject to change without notice.
Absolute Maximum Ratings
MAU300 Series
2
MINMAX
REV:0 2005/04


Similar Part No. - MAU306

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU306 TOTAL-POWER-MAU306 Datasheet
281Kb / 4P
   MAU300 Series 2 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
logo
Minmax Technology Co., ...
MAU306 MINMAX-MAU306 Datasheet
511Kb / 4P
   DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MAU306 MINMAX-MAU306 Datasheet
665Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Total Power Internation...
MAU306 TOTAL-POWER-MAU306 Datasheet
472Kb / 4P
   SIP Package with Industry Standard Pinout
More results

Similar Description - MAU306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
E200 MPD-E200 Datasheet
175Kb / 2P
   Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
   High Isolation, 2W SIP Single & Dual Output DC/DC Converters
D200E MPD-D200E Datasheet
181Kb / 2P
   Low Cost, 2W SIP Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MSAU400 MINMAX-MSAU400 Datasheet
205Kb / 6P
   2W, Miniature SMD, Single & Dual Output DC/DC Converters
MSLU400 MINMAX-MSLU400 Datasheet
188Kb / 7P
   2W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com