Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBU104 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MBU104
Description  1W, Ultra Miniature SIP, Single Output DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MBU104 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MBU104 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MBU104 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MBU104 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MBU104 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MBU104 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MBU104 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Derating Curve ( All Other Output )
Derating Curve ( 5V Output Only )
]
Ambient Temperature
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
]
Ambient Temperature
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
Efficiency vs Output Load
Efficiency vs Input Voltage
20
30
40
50
60
70
80
90
Load Current (%)
100
60
40
20
10
80
50
60
70
80
90
100
Input Voltage (V)
Nom
Low
High
MBU100 Series
4
MINMAX
REV:0 2005/04


Similar Part No. - MBU104

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MBU104 TOTAL-POWER-MBU104 Datasheet
138Kb / 4P
   MBU100 SERIES 1WATT ULTRA MINIATURE HIGH SIP DC/DC CONVERTERS
logo
Minmax Technology Co., ...
MBU104 MINMAX-MBU104 Datasheet
516Kb / 4P
   DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
MBU104 MINMAX-MBU104 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Total Power Internation...
MBU104 TOTAL-POWER-MBU104 Datasheet
479Kb / 4P
   Miniature SIP-Package with Industry Standard Pinout
More results

Similar Description - MBU104

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
E100 MPD-E100 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MPL-01SE MPD-MPL-01SE Datasheet
394Kb / 2P
   Single Output, 1W Ultra-Miniature SIP AC/DC Power Supplies
LF100S MPD-LF100S Datasheet
477Kb / 4P
   Ultra-Miniature, 1W Single Output SMT DC/DC Converters
E100E MPD-E100E Datasheet
230Kb / 2P
   Low Cost, 1W Ultra-Miniature SIP DC/DC Converters
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
   Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
E100EI MPD-E100EI Datasheet
266Kb / 2P
   1W, High Isolation Ultra-Miniature SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
   1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com