Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSAU114 Datasheet(PDF) 7 Page - Minmax Technology Co., Ltd.

Part # MSAU114
Description  1W, Miniature SMD, Single Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU114 Datasheet(HTML) 7 Page - Minmax Technology Co., Ltd.

  MSAU114 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU114 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU114 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU114 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSAU114 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSAU114 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSAU114 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSAU114 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Packaging Specifications
Tape
MSAU100 Series
REV:0 2005/04
MINMAX
7
13.00± 0.25
0
0 100.0 Min
0 330.0 Max
30.4 Max
2.0+1 / -0
All dimentions in mm
Direction of Unreeling
All dimentions in mm
XX.XX± 0.1
4.00
1.75
11.50
24.00± 0.3
2.00
Sprocket hole tolerance over any 10 pitches ± 0.2
Sprocket hole
1.55 +0.1 / -0
0
13.20
11.60
16.00
0.4 +/- 0.05
7.20
0.30
1.50 +0.25 / -0
0


Similar Part No. - MSAU114

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MSAU114 TOTAL-POWER-MSAU114 Datasheet
184Kb / 6P
   MSAU100 SERIES 1 WATT ULTRA MINIATURE SMD DC/DC CONVERTERS SINGLE OUTPUT
logo
Minmax Technology Co., ...
MSAU114 MINMAX-MSAU114 Datasheet
265Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU114 MINMAX-MSAU114 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Total Power Internation...
MSAU114 TOTAL-POWER-MSAU114 Datasheet
454Kb / 4P
   SMD Package with Industry Standard Pinout
More results

Similar Description - MSAU114

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100 Datasheet
196Kb / 8P
   1W, Miniature SMD, Single & Dual Output DC/DC Converters
MSAU200 MINMAX-MSAU200 Datasheet
243Kb / 8P
   1W, Miniature SMD, Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
LF100S MPD-LF100S Datasheet
477Kb / 4P
   Ultra-Miniature, 1W Single Output SMT DC/DC Converters
logo
Toppower Electronic Tec...
TKA-A TOPPOWER-TKA-A_17 Datasheet
460Kb / 3P
   1W 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NKE0303DC MURATA-NKE0303DC Datasheet
226Kb / 7P
   Isolated Sub-Miniature 1W Single Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
E100 MPD-E100 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
Toppower Electronic Tec...
TPTE-1W-3KVDC TOPPOWER-TPTE-1W-3KVDC Datasheet
185Kb / 3P
   1W Isolated Single Output SMD DC/DC Converters
logo
C&D Technologies
NKE CANDD-NKE Datasheet
173Kb / 2P
   Isolated Sub-Miniature 1W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com