Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSAU200 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSAU200
Description  1W, Miniature SMD, Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU200 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSAU200 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU200 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU200 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU200 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSAU200 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSAU200 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSAU200 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSAU200 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
Com.
-Vo
Block Diagram
Low Profile
Low Cost
$
I/O Isolation
1000
VDC
SMD
Minmax's MSAU200 1W DC/DC's are in "gull-wing" SMT package,
weigh a mere 1.8 grams and meet 245]/10sec in solder-reflow for lead
free process.
The series consists of 8 models with input voltages of 5V and 12VDC
which offers standard dual output voltages of {5V, {9V, {12V and
{15VDC for the choice.
Their impressive guaranteed efficiencies enable all models to deliver
their fully rated output power from -40] to +85] without heat sinking
or forced-air cooling.
The MSAU200 series is an excellent selection for a variety of
applications including data communication equipments, distributed power
systems, telecommunication equipments, and industrial robot systems.
The MSAU200 units are available in tape and reel package.
Interanl SMD Construction
UL 94V-0 Package Material
Lead Frame Technology
Temperature Performance -40] to +85]
Output {5, {9, {12 and {15VDC
Input 5 and 12VDC
Low Cost
MTBF > 2,000,000 Hours
1000VDC Isolation
Efficiency up to 80%
Key Features
1W, Miniature SMD, Dual Output DC/DC Converters
MSAU200 Series
REV:0 2005/04
MINMAX
1


Similar Part No. - MSAU200

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MSAU200 TOTAL-POWER-MSAU200 Datasheet
167Kb / 6P
   1 Watts Ultra Miniature SMD DC/DC Converters
logo
Minmax Technology Co., ...
MSAU200 MINMAX-MSAU200_11 Datasheet
268Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU200 MINMAX-MSAU200_15 Datasheet
654Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Total Power Internation...
MSAU200 TOTAL-POWER-MSAU200_17 Datasheet
409Kb / 4P
   SMD Package with Industry Standard Pinout
More results

Similar Description - MSAU200

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100 Datasheet
196Kb / 8P
   1W, Miniature SMD, Single & Dual Output DC/DC Converters
MSAU100 MINMAX-MSAU100 Datasheet
237Kb / 8P
   1W, Miniature SMD, Single Output DC/DC Converters
logo
MicroPower Direct, LLC
LF100D MPD-LF100D Datasheet
542Kb / 4P
   Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NKA MURATA-KDC_NKA Datasheet
145Kb / 4P
   Isolated Sub-Miniature 1W Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
C&D Technologies
NKA CANDD-NKA Datasheet
104Kb / 2P
   Isolated Sub-Miniature 1W Dual Output DC-DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TKA TOPPOWER-TKA_17 Datasheet
470Kb / 3P
   1W 3KVDC Isolated Miniature Dual Output DC/DC Converters
TKA TOPPOWER-TKA Datasheet
199Kb / 3P
   1W 3KV Isolated Miniature Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com