Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM2483BRW-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # ADM2483BRW-REEL
Description  Half-Duplex iCoupler-R Isolated RS-485 Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2483BRW-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM2483BRW-REEL Datasheet HTML 4Page - Analog Devices ADM2483BRW-REEL Datasheet HTML 5Page - Analog Devices ADM2483BRW-REEL Datasheet HTML 6Page - Analog Devices ADM2483BRW-REEL Datasheet HTML 7Page - Analog Devices ADM2483BRW-REEL Datasheet HTML 8Page - Analog Devices ADM2483BRW-REEL Datasheet HTML 9Page - Analog Devices ADM2483BRW-REEL Datasheet HTML 10Page - Analog Devices ADM2483BRW-REEL Datasheet HTML 11Page - Analog Devices ADM2483BRW-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADM2483
Rev. 0 | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
ADM2483
TOP VIEW
(Not to Scale)
VDD1 1
VDD2
16
GND1* 2
GND2*
15
RxD
3
NC
14
RE
4
B
13
DE
5
A
12
TxD
6
NC
11
PV
7
NC
10
GND1* 8
GND2*
9
* PINS 2 AND 8 ARE INTERNALLY CONNECTED.
EITHER OR BOTH MAY BE USED FOR GND1.
PINS 9 AND 15 ARE INTERNALLY CONNECTED.
EITHER OR BOTH MAY BE USED FOR GND2.
Figure 2. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD1
Power Supply (Logic Side).
2, 8
GND1
Ground (Logic Side).
3
RxD
Receiver Output Data. This output is high when (A − B) > 200 mV, and low when (A − B) < −200 mV.
There is tristate output when the receiver is disabled, i.e., when RE is driven high.
4
RE
Receiver Enable Input. This is an active-low input. Driving this input low enables the receiver, and
driving it high disables the receiver.
5
DE
Driver Enable Input. Driving this input high enables the driver, and driving it low disables the driver.
6
TxD
Transmit Data Input. Data to be transmitted by the driver is applied to this input.
7
PV
Power Valid. Used during power-up and power-down. See the Applications Information section.
9, 15
GND2
Ground (Bus Side).
10, 14
NC
No Connect.
12
A
Noninverting Driver Output/Receiver Input. When the driver is disabled, or VDD1 or VDD2 is powered
down, Pin A is put in a high impedance state to avoid overloading the bus.
13
B
Inverting Driver Output/Receiver Input.
16
VDD2
Power Supply (Bus Side).


Similar Part No. - ADM2483BRW-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2483BRW-REEL AD-ADM2483BRW-REEL Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
More results

Similar Description - ADM2483BRW-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
ADM2486 AD-ADM2486_V01 Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2486 AD-ADM2486 Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
ADM2484E AD-ADM2484E Datasheet
472Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
ADM2484E AD-ADM2484E_V01 Datasheet
377Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
Rev. G
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com