Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24070RHLT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24070RHLT
Description  SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24070RHLT Datasheet(HTML) 3 Page - Texas Instruments

  BQ24070RHLT Datasheet HTML 1Page - Texas Instruments BQ24070RHLT Datasheet HTML 2Page - Texas Instruments BQ24070RHLT Datasheet HTML 3Page - Texas Instruments BQ24070RHLT Datasheet HTML 4Page - Texas Instruments BQ24070RHLT Datasheet HTML 5Page - Texas Instruments BQ24070RHLT Datasheet HTML 6Page - Texas Instruments BQ24070RHLT Datasheet HTML 7Page - Texas Instruments BQ24070RHLT Datasheet HTML 8Page - Texas Instruments BQ24070RHLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATINGS
bq24070
SLUS694A – MARCH 2006 – REVISED MARCH 2006
over operating free-air temperature range (unless otherwise noted)
bq24070
Input voltage
IN (DC voltage wrt (with respect to) VSS)
–0.3 V to 18 V
BAT, CE, DPPM, PG, Mode, OUT, ISET1, ISET2, STAT1,
–0.3 V to 7 V
STAT2, TS, (all DC voltages wrt VSS)
Input voltage
VREF (DC voltage wrt VSS)
–0.3 V to VO(OUT) + 0.3 V
TMR
–0.3 V to VO + 0.3 V
Input current
3.5 A
OUT
4 A
Output current
BAT(2)
–4 A to 3.5 A
Output sink current
PG, STAT1, STAT2,
1.5 mA
Storage temperature range, Tstg
–65°C to 150°C
Junction temperature range, TJ
–40°C to 150°C
Lead temperature (soldering, 10 seconds)
300°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
(2)
Negative current is defined as current flowing into the BAT pin.
MIN
MAX
UNIT
VCC
Supply voltage (VIN) (1)
4.35
16
V
IAC
Input current
2
A
TJ
Operating junction temperature range
–40
125
°C
(1)
Verify that power dissipation and junction temperatures are within limits at maximum VCC .
TA ≤ 40°C
DERATING FACTOR
PACKAGE
θ
JA
POWER RATING
TA > 40°C
20-pin RHL(1)
1.81 W
21 mW/°C
46.87 °C/W
(1)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a Cu pad on the board. This is
connected to the ground plane by a 2×3 via matrix.
3
Submit Documentation Feedback


Similar Part No. - BQ24070RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24070RHLT TI-BQ24070RHLT Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLT TI1-BQ24070RHLT Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
BQ24070RHLTG4 TI1-BQ24070RHLTG4 Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
More results

Similar Description - BQ24070RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24032A TI-BQ24032A Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
   Charge and Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com