Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPES10-18006-0-G Datasheet(PDF) 2 Page - Total Power International

Part # TPES10-18006-0-G
Description  UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES10-18006-0-G Datasheet(HTML) 2 Page - Total Power International

  TPES10-18006-0-G Datasheet HTML 1Page - Total Power International TPES10-18006-0-G Datasheet HTML 2Page - Total Power International TPES10-18006-0-G Datasheet HTML 3Page - Total Power International TPES10-18006-0-G Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL NO. DESCRIPTION: TPES10 – X X X YY – N – S
SINGLE OUTPUT: [0] for no Aux. O/P.
DUAL AUX. O/P SET:[A]+5V, [B]+12V, [C]+15V,
[D]+18V, [E]+24V [F]-5V,
[G]-12V,[H]-15V,[I]-18V,[J]-24V
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (Total Power External Switcher): About 10W.
AC PLUG TYPE:
[0]WM0 (Fold-out ), [1] WM1, [2]WM2, [3]WM3,
[4] WM4, [5] WM5, [6] WM6, [6G] WM6G
[7] DT7 (IEC320 3-pin or 3L-pin),
[8] DT8 (IEC320 2-pin).
[A] PT1, [B] PT2, [C] PT3, [D] PT4
[E] PT5, [F] PT6, [G] PT7,
OUTPUT VOLTAGE/CURRENT RATINGS CHART
DEFINED OUTPUT VOLTAGE (Vdc)
OUTPUT VOLTAGE (Vdc) / CURRENT (A)
3.3 Vdc≦Any Voltage ≦ 12.0Vdc
3.3V/2.5A, 3.4-5.0V/2.0A, 5.1-5.9V/1.9-1.7A, 6.0-6.3V/ 1.6A,
6.4-6.7V/1.6-1.5A, 6.8-7.2V/1.4A, 7.4-7.7V/1.3A,
7.8-8.4V/1.2A, 8.5-8.9V/1.1A, 9.0-12V/1.0A.
Special: 6.0-6.5V/2.0A
12.0Vdc<Any Voltage ≦ 24.0Vdc
12.1-13.3V/0.9A, 13.4-15.0V/0.8A, 15.1-17.1V/0.7A,
17.2-20.0V /0.6A, 20.1-24.0V/0.5A. Max. Output: 12.0 W.
Note: Refer to the upper Chart or specify the V/A ratings and consult factory for the exact Model No.
SINGLE OUTPUT (Model No. for examples. )
MODEL NO.
AC INPUT
AC PLUG
O/P VOLTAGE (Vdc)
O/P CURRENT(A)
FORMAT
TPES10-03325-0-1
90-264Vac
WM1
3.3V
2.5A
Wallmount
TPES10-03420-0-3
90-264Vac
WM3
3.4V
2.0A
Wallmount
TPES10-05020-0-5
90-264Vac
WM5
5.0V
2.0A
Wallmount
TPES10-06016-0-6
90-264Vac
WM6
6.0V
1.6A
Wallmount
TPES10-12010-0-0
90-264Vac
WM0
12.0V
1.0A
Wallmount
TPES10-07014-0-7
90-264Vac
DT7
7.0V
1.4A
Desktop
TPES10-08511-0-8
90-264Vac
DT8
8.5V
1.1A
Desktop
TPES10-09010-0-A
90-264Vac
PT1
9.0V
1.0A
Mouse-PT
TPES10-10010-0-B
90-264Vac
PT2
10.0V
1.0A
Mouse-PT
TPES10-12010-0-C
90-264Vac
PT3
12.0V
1.0A
Mouse-PT
TPES10-13808-0-D
90-264Vac
PT4
13.8V
0.8A
Mouse-PT
TPES10-15008-0-E
90-264Vac
PT5
15.0V
0.8A
Mouse-PT
TPES10-16007-0-F
90-264Vac
PT6
16.0V
0.7A
Mouse-PT
TPES10-18006-0-G
90-264Vac
PT7
18.0V
0.6A
Mouse-PT
TPES10-06020-0-0
90-264Vac
WM0
6.0V
2.0A
Wallmount
TPES10-06020-0-1
90-264Vac
WM1
6.0V
2.0A
Wallmount
TPES10-24005-0-2
90-264Vac
WM2
24.0V
0.5A
Wallmount
DUAL OUTPUT V/A CHART
OUTPUT RAIL
OUTPUT VOLTAGE (Vdc) / CURRENT (A)
Main O/P VO1
5.0V/1.0A, 5.1-5.9V/0.9A, 6.0-7.5V/0.8A, 7.6-9.0V/0.7A,
9.1-12.0V/0.6A, 12.1-14.0V/0.5A, 14.1-20.0V/0.4A.
Aux. O/P ±VO2 ✝
5V/0.6A, 12V/0.3A, 15V/0.2A, 18V/0.2A, 24V/0.1A.
Note: Refer to the upper Chart or specify the V/A ratings and consult factory for the exact Model No.
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-
TPES10B SERIES


Similar Part No. - TPES10-18006-0-G

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPES14-10 TOTAL-POWER-TPES14-10 Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
TPES14-10A TOTAL-POWER-TPES14-10A Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
TPES14-11 TOTAL-POWER-TPES14-11 Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
TPES14-12 TOTAL-POWER-TPES14-12 Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
TPES14-14 TOTAL-POWER-TPES14-14 Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
More results

Similar Description - TPES10-18006-0-G

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES10 HITRON-HES10 Datasheet
364Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
HES12 HITRON-HES12 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HES15 HITRON-HES15 Datasheet
345Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES25 HITRON-HES25 Datasheet
317Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
HEG24 HITRON-HEG24 Datasheet
339Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES34 HITRON-HES34 Datasheet
144Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
HES51 HITRON-HES51 Datasheet
484Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com