Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60LB-47 Datasheet(PDF) 2 Page - Total Power International

Part # TPS60LB-47
Description  SWITCHING MODE 60W LOW COST BOX TYPE POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS60LB-47 Datasheet(HTML) 2 Page - Total Power International

  TPS60LB-47 Datasheet HTML 1Page - Total Power International TPS60LB-47 Datasheet HTML 2Page - Total Power International TPS60LB-47 Datasheet HTML 3Page - Total Power International TPS60LB-47 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPS60LB
SWITCHING MODE 60W LOW COST BOX TYPE
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
SINGLE OUTPUT MODEL SELECTION CHART
TPS60LB-10
+5V
±
10% Typical
12A
15.6A
0A
±
3%
±
1%
78W Typical
TPS60LB-11
+12V
±
10% Typical
5A
6.5A
0A
±
3%
±
1%
78W Typical
TPS60LB-12
+15V
±
10% Typical
4A
5.2A
0A
±
3%
±
1%
78W Typical
TPS60LB-13
+24V
±
10% Typical
2.5A
3.25A
0A
±
3%
±
1%
78W Typical
TPS60LB-14
+48V
±
10% Typical
1.25A
1.63A
0A
±
3%
±
1%
78W Typical
TPS60LB-15
+3.3V
±
10% Typical
12A
15.6A
0A
±
5%
±
1.5%
78W Typical
DUAL OUTPUT MODEL SELECTION CHART
+5 V
±
10% Typical
6A
7.8A
0.6A
±
5%
±
1%
TPS60LB-20
+12V
Fixed
3A
3.9A
0.3A
±
5%
±
1%
78W Typical
+5 V
±
10% Typical
6A
7.8A
0.6A
±
5%
±
1%
TPS60LB-21
+24V
Fixed
1.3A
1.69A
0.13A
±
5%
±
1%
78W Typical
+5 V
±
10% Typical
6A
7.8A
0.6A
±
5%
±
1%
TPS60LB-22
- 5 V
Fixed
6A
7.8A
0.6A
±
10%
±
1%
78W Typical
+12V
±
10% Typical
2.5A
3.25A
0.25A
±
5%
±
1%
TPS60LB-23
-12 V
Fixed
2.5A
3.25A
0.25A
±
10%
±
1%
78W Typical
+15 V
±
10% Typical
2A
2.6A
0.2A
±
5%
±
1%
TPS60LB-24
-15 V
Fixed
2A
2.6A
0.2A
±
10%
±
1%
78W Typical
+3.3V
Fixed
7.5A
9.75A
0.75A
±
5
%
±
1.5%
TPS60LB-25
+12 V
±
10% Typical
3A
3.9A
0.3A
±
5%
±
1%
78W Typical
+5V
±
10% Typical
8A
10.4A
0.8A
±
5%
±
1%
TPS60LB-26
+48V
Fixed
0.5A
0.65A
0.05A
±
5%
±
1%
78W Typical
TRIPLE OUTPUT MODEL SELECTION CHART
+ 5V
±
10% Typical
5A
6.5A
0.5A
±
5%
±
1%
+12V
Fixed
2.5A
3.25A
0.25A
±
5%
±
1%
TPS60LB-30
-5 V
Fixed
1A
1.3A
0.1A
±
10%
±
1%
78W Typical
+ 5V
±
10% Typical
6A
7.8A
0.6A
±
5%
±
1%
+12V
Fixed
2.2A
2.86A
0.22A
±
5%
±
1%
TPS60LB-31
-12V
Fixed
0.4A
0.52A
0.04A
±
10%
±
1%
78W Typical
+ 5V
±
10% Typical
6A
7.8A
0.6A
±
5%
±
1%
+15V
Fixed
1.6A
2.08A
0.16A
±
5%
±
1%
TPS60LB-32
-15V
Fixed
0.4A
0.52A
0.04A
±
10%
±
1%
78W Typical
+ 5V
±
10% Typical
7.5A
9.75A
0.75A
±
5%
±
1%
+15V
Fixed
1.2A
1.56A
0.12A
±
5%
±
1%
TPS60LB-33
-5 V
Fixed
0.8A
1.04A
0.08A
±
10%
±
1%
78W Typical
+ 5V
±
10% Typical
7.5A
9.75A
0.75A
±
5%
±
1%
+15V
Fixed
1.2A
1.56A
0.12A
±
5%
±
1%
TPS60LB-34
-12V
Fixed
0.4A
0.52A
0.04A
±
10%
±
1%
78W Typical
+ 5 V
±
10% Typical
5.2A
6.76A
0.52A
±
5%
±
1%
TPS60LB-35
+24V
Fixed
1.2A
1.56A
0.12A
±
5%
±
1%
-12V
Fixed
0.4A
0.52A
0.04A
±
10%
±
1%
78W Typical
+ 5V
±
10% Typical
3A
3.9A
0.3A
±
5%
±
1%
TPS60LB-36
+12V
Fixed
3.5A
4.55A
0.35A
±
5%
±
1%
-12V
Fixed
0.4A
0.52A
0.04A
±
10%
±
1%
78W Typical
+ 5V
±
10% Typical
5.2A
6.67A
0.52A
±
5%
±
1%
+12V
Fixed
2A
2.6A
0.2A
±
5%
±
1%
TPS60LB-37
+24V
Fixed
0.4A
0.52A
0.04A
±
10%
±
1%
78W Typical
+5V
±
10% Typical
4A
5.2A
0.4A
±
5%
±
1%
+12V
Fixed
1.5A
1.95A
0.15A
±
5%
±
1%
TPS60LB-38
+48V
Fixed
0.6A
0.78A
0.06A
±
10%
±
1%
78W Typical
-2-
TOTAL POWER
TOTAL POWER, INT. TEL: 877-646-0900 FAX: 978-453-7395
E-mail: sales@total-power.com
http://www.total-power.com


Similar Part No. - TPS60LB-47

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60100 TI1-TPS60100 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100 Datasheet
496Kb / 25P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100 Datasheet
986Kb / 25P
[Old version datasheet]   REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results

Similar Description - TPS60LB-47

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS40LB TOTAL-POWER-TPS40LB Datasheet
275Kb / 3P
   SWITCHING MODE 40W LOW COST BOX TYPE POWER SUPPLY
TPS150LBP TOTAL-POWER-TPS150LBP Datasheet
252Kb / 4P
   TPS150LBP SWITCHING MODE 150W LOW COST BOX TYPE POWER SUPPLY WITH POWER FACTOR CORRECTION
TPS100LBP TOTAL-POWER-TPS100LBP Datasheet
357Kb / 4P
   TPS100LBP SWITCHING MODE 100W LOW COST BOX TYPE POWER SUPPLY WITH POWER FACTOR CORRECTION
logo
Mean Well Enterprises C...
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
Q-60 MEANWELL-Q-60 Datasheet
411Kb / 2P
   60W Quad Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60 Datasheet
143Kb / 3P
   60W Single Output Switching Power Supply
HLP-60H MEANWELL-HLP-60H_12 Datasheet
348Kb / 4P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com