Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60LB-47 Datasheet(PDF) 3 Page - Total Power International

Part # TPS60LB-47
Description  SWITCHING MODE 60W LOW COST BOX TYPE POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS60LB-47 Datasheet(HTML) 3 Page - Total Power International

  TPS60LB-47 Datasheet HTML 1Page - Total Power International TPS60LB-47 Datasheet HTML 2Page - Total Power International TPS60LB-47 Datasheet HTML 3Page - Total Power International TPS60LB-47 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPS60LB
SWITCHING MODE 60W LOW COST BOX TYPE
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
QUAD OUTPUT MODEL SELECTION CHART
+ 5V
±
10% Typical
6A
7.8A
0.6A
±
5%
±
1%
+12V
Fixed
2A
2.6A
0.2A
±
5%
±
1%
- 12V
Fixed
0.4A
0.52A
0.04A
±
10%
±
1%
TPS60LB-40
- 5 V
Fixed
0.4A
0.52A
0.04A
±
10%
±
1%
78W Typical
+ 5V
±
10% Typical
6A
7.8A
0.6A
±
5%
±
1%
+12V
Fixed
1.6A
2.08A
0.16A
±
5%
±
1%
- 5 V
Fixed
0.6A
0.78A
0.06A
±
10%
±
1%
TPS60LB-41
- 12V
Fixed
0.6A
0.78A
0.06A
±
10%
±
1%
78W Typical
+ 5V
±
10% Typical
6A
7.8A
0.6A
±
5%
±
1%
+12V
Fixed
1A
1.3A
0.1A
±
5%
±
1%
- 15V
Fixed
0.6A
0.78A
0.06A
±
10%
±
1%
TPS60LB-42
+ 15V
Fixed
0.6A
0.78A
0.06A
±
10%
±
1%
78W Typical
+ 5 V
±
10% Typical
3.3A
4.29A
0.33A
±
5%
±
1%
+12V
Fixed
1.5A
1.95A
0.15A
±
5%
±
1%
- 12V
Fixed
0.6A
0.78A
0.06A
±
10%
±
1%
TPS60LB-43
- 15V
Fixed
1.2A
1.56A
0.12A
±
10%
±
1%
78W Typical
+ 5V
±
10% Typical
3.3A
4.29A
0.33A
±
5%
±
1%
+12V
Fixed
0.6A
0.78A
0.06A
±
5%
±
1%
- 12V
Fixed
0.6A
0.78A
0.06A
±
10%
±
1%
TPS60LB-44
+48V
Fixed
0.6A
0.78A
0.06A
±
10%
±
1%
78W Typical
+ 5V
±
10% Typical
6A
9.75A
0.6A
±
5%
±
1%
+12V
Fixed
1A
4.29A
0.1A
±
5%
±
1%
- 12V
Fixed
1A
1.95A
0.1A
±
10%
±
1%
TPS60LB-45
+24V
Fixed
0.5A
1.04A
0.05A
±
10%
±
1%
78W Typical
+ 3.3V
±
10% Typical
6A
7.8A
0.6A
±
5%
±
1%
+5V
Fixed
2A
2.6A
0.2A
±
5%
±
1%
+12V
Fixed
2A
2.6A
0.2A
±
10%
±
1%
TPS60LB-46
-12V
Fixed
1A
1.3A
0.1A
±
10%
±
1%
78W Typical
+ 3.3V
±
10% Typical
6A
7.8A
0.6A
±
5%
±
1%
+5V
Fixed
4A
2.6A
0.4A
±
5%
±
1%
+12V
Fixed
1.5A
2.6A
0.15A
±
10%
±
1%
TPS60LB-47
-12V
Fixed
0.6A
1.3A
0.06A
±
10%
±
1%
78W Typical
NOTES: 1) Peak loads for lasting <30 seconds with a maximum 10% duty cycle are acceptable. Please contact us if need special peak load.
2) Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth, 0.1μF and 47μF Cap. on outputs.
3) Loading test conditions are set for all outputs at minimum, middle and maximum of loads. Special cross loading requirement is welcomed.
4) Detailed engineering specification of each model is available for inquiry.
5) Special output voltage/current inquiry is welcomed.
6) Specifications subject to change without notice.
-2-
TOTAL POWER
TOTAL POWER, INT. TEL: 877-646-0900 FAX: 978-453-7395
E-mail: sales@total-power.com
http://www.total-power.com


Similar Part No. - TPS60LB-47

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60100 TI1-TPS60100 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100 Datasheet
496Kb / 25P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100 Datasheet
986Kb / 25P
[Old version datasheet]   REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results

Similar Description - TPS60LB-47

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS40LB TOTAL-POWER-TPS40LB Datasheet
275Kb / 3P
   SWITCHING MODE 40W LOW COST BOX TYPE POWER SUPPLY
TPS150LBP TOTAL-POWER-TPS150LBP Datasheet
252Kb / 4P
   TPS150LBP SWITCHING MODE 150W LOW COST BOX TYPE POWER SUPPLY WITH POWER FACTOR CORRECTION
TPS100LBP TOTAL-POWER-TPS100LBP Datasheet
357Kb / 4P
   TPS100LBP SWITCHING MODE 100W LOW COST BOX TYPE POWER SUPPLY WITH POWER FACTOR CORRECTION
logo
Mean Well Enterprises C...
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
Q-60 MEANWELL-Q-60 Datasheet
411Kb / 2P
   60W Quad Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60 Datasheet
143Kb / 3P
   60W Single Output Switching Power Supply
HLP-60H MEANWELL-HLP-60H_12 Datasheet
348Kb / 4P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com