Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1215-02ST Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM1215-02ST
Description  1-, 2- and 4-Channel Low Capacitance ESD Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1215-02ST Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM1215-02ST Datasheet HTML 1Page - California Micro Devices Corp CM1215-02ST Datasheet HTML 2Page - California Micro Devices Corp CM1215-02ST Datasheet HTML 3Page - California Micro Devices Corp CM1215-02ST Datasheet HTML 4Page - California Micro Devices Corp CM1215-02ST Datasheet HTML 5Page - California Micro Devices Corp CM1215-02ST Datasheet HTML 6Page - California Micro Devices Corp CM1215-02ST Datasheet HTML 7Page - California Micro Devices Corp CM1215-02ST Datasheet HTML 8Page - California Micro Devices Corp CM1215-02ST Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
4
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
06/30/05
CM1215
PRELIMINARY
Specifications (cont’d)
Note 1: All parameters specified at TA = -40°C to +85°C unless otherwise noted.
Note 2: These parameters guaranteed by design and characterization.
Note 3: Standard IEC 61000-4-2 with CDischarge = 150pF, RDischarge = 330Ω, VP = 3.3V, VN grounded.
Note 4: From I/O pins to VP or VN only. VP bypassed to VN with low ESR 0.2μF ceramic capacitor.
ELECTRICAL OPERATING CHARACTERISTICS NOTE 1
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VP
Operating Supply Voltage (VP-VN)3.3
5.5
V
IP
Operating Supply Current
(VP-VN) = 3.3V
8
μA
VF
Diode Forward Voltage
Top Diode
Bottom Diode
IF = 20mA; TA = 25°C
0.6
0.6
0.8
0.8
0.95
0.95
V
V
ILEAK
Channel Leakage Current
TA = 25°C; VP = 5V,
VN = 0V
±0.1
±1.0
μA
CIN
Channel Input Capacitance
At 1 MHz, VP = 3.3V,
VN = 0V, VIN = 1.65V;
Note2
1.6
2.0
pF
ΔCIN
Channel I/O to GND Capacitance
Difference
Note 2
0.04
pF
CMUTUAL
Mutual Capacitance
(VP-VN) = 3.3V; Note 2
0.13
pF
VESD
ESD Protection
Peak Discharge Voltage at any
channel input, in system, contact
discharge per IEC 61000-4-2
standard
Notes 2, 3, and 4;
TA = 25°C
±15
kV
VCL
Channel Clamp Voltage
Positive Transients
Negative Transients
IPP = 1A, tP = 8/20μS;
TA=25°C; Notes 2
VP+1.5
VN-1.5
V
V
RDYN
Dynamic Resistance
Positive transients
Negative transients
IPP = 1A, tP = 8/20μS;
TA = 25°C;
Notes 2
0.4
0.4
Ω
Ω


Similar Part No. - CM1215-02ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1215-02SO ONSEMI-CM1215-02SO Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
CM1215-02SR ONSEMI-CM1215-02SR Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
More results

Similar Description - CM1215-02ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1215 ONSEMI-CM1215 Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
ESD7124 ONSEMI-ESD7124 Datasheet
103Kb / 5P
   4-Channel Low Capacitance ESD Arrays
August, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com