Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1216-06MS Datasheet(PDF) 9 Page - California Micro Devices Corp

Part # CM1216-06MS
Description  6- and 8-Channel Low Capacitance ESD Arrays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1216-06MS Datasheet(HTML) 9 Page - California Micro Devices Corp

  CM1216-06MS Datasheet HTML 1Page - California Micro Devices Corp CM1216-06MS Datasheet HTML 2Page - California Micro Devices Corp CM1216-06MS Datasheet HTML 3Page - California Micro Devices Corp CM1216-06MS Datasheet HTML 4Page - California Micro Devices Corp CM1216-06MS Datasheet HTML 5Page - California Micro Devices Corp CM1216-06MS Datasheet HTML 6Page - California Micro Devices Corp CM1216-06MS Datasheet HTML 7Page - California Micro Devices Corp CM1216-06MS Datasheet HTML 8Page - California Micro Devices Corp CM1216-06MS Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
06/30/05
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
9
CM1216
PRELIMINARY
Mechanical Details (cont’d)
MSOP-10 Mechanical Specifications
CM1216-08MS/MR devices are supplied in 10-pin
MSOP packages. Dimensions are presented below.
For complete information on the MSOP-10 package,
see the California Micro Devices MSOP Package Infor-
mation document.
Package Dimensions for MSOP-10
PACKAGE DIMENSIONS
Package
MSOP
Pins
10
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
0.75
0.95
0.028
0.038
A1
0.05
0.15
0.002
0.006
B
0.18
0.40
0.006
0.016
C
0.18
0.007
D
2.90
3.10
0.114
0.122
E
2.90
3.10
0.114
0.122
e
0.50 BSC
0.0196 BSC
H
4.76
5.00
0.187
0.197
L
0.40
0.70
0.0137
0.029
# per tape
and reel
4000
Controlling dimension: inches
Mechanical Package Diagrams
E
D
H
12
34
10
9
8
7
L
END VIEW
C
e
B
A
A1
SEATING
PLANE
SIDE VIEW
TOP VIEW
6
5
Pin 1
Marking


Similar Part No. - CM1216-06MS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1216-06MR ONSEMI-CM1216-06MR Datasheet
213Kb / 13P
   6 and 8-Channel Low Capacitance ESD Arrays
April 2010 ??Rev. 2
CM1216-06MR ONSEMI-CM1216-06MR Datasheet
149Kb / 7P
   6 and 8-Channel Low Capacitance ESD Arrays
February, 2011 ??Rev. 3
More results

Similar Description - CM1216-06MS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1216 ONSEMI-CM1216 Datasheet
213Kb / 13P
   6 and 8-Channel Low Capacitance ESD Arrays
April 2010 ??Rev. 2
CM1216 ONSEMI-CM1216_11 Datasheet
149Kb / 7P
   6 and 8-Channel Low Capacitance ESD Arrays
February, 2011 ??Rev. 3
CM1213 ONSEMI-CM1213 Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213 ONSEMI-CM1213_13 Datasheet
384Kb / 9P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1215 ONSEMI-CM1215 Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
ESD7124 ONSEMI-ESD7124 Datasheet
103Kb / 5P
   4-Channel Low Capacitance ESD Arrays
August, 2014 ??Rev. 0
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com