Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1300 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM1300
Description  4 Channel EMI Filter Network
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1300 Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM1300 Datasheet HTML 1Page - California Micro Devices Corp CM1300 Datasheet HTML 2Page - California Micro Devices Corp CM1300 Datasheet HTML 3Page - California Micro Devices Corp CM1300 Datasheet HTML 4Page - California Micro Devices Corp CM1300 Datasheet HTML 5Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
11/07/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
1
CM1300
4 Channel EMI Filter Network
Features
Functionally and pin compatible with CSPRC032A
OptiGuardTM coated for improved reliability at
assembly
4 EMI filter lines per device
Filters attenuate to –30dB at 3GHz
CSP package minimizes cross-talk
9-bump 2.485mm X 0.985mm Chip Scale
Package (CSP), 0.5mm pitch
0.30mm Eutectic solder bumps
Ultra small footprint suitable for portable devices
Lead-free version available
Applications
EMI filtering for RF sections of wireless devices
Cellular phones
Cordless phones
Internet appliances
•PDAs
Laptop computers
Product Description
The CM1300 is a 4-channel low pass EMI filter (R-C-R
configuration) manufactured in a Chip Scale Package
(CSP). Many portable applications require the attenua-
tion of signals in the 800-3000 MHz band. California
Micro Devices’ unique thin film technology provides a
minimum of –25dB of attenuation over this frequency
band.
The bump size and pitch of these filters are selected
such that the device can be placed directly on an FR4
printed circuit board using conventional assembly tech-
niques. The pin-out for the device features a signal
‘flow through’ design, allowing optimal PCB signal rout-
ing. The solder bump contacts are a 63/37 Sn/Pb alloy
(Sn/Ag/Cu for lead-free finish) and are 0.30 mm in
diameter.
The CM1300 incorporates OptiGuardTM coating which
results in improved reliability at assembly. The device
is available in a space-saving, low-profile Chip Scale
Package with optional lead-free finishing.
Electrical Schematic
R
50
C
43pF
50
R
B1
A1
GND
R
50
C
43pF
50
R
B2
A2
GND
R
50
C
43pF
50
R
B4
A4
GND
R
50
C
43pF
50
R
B5
A5
GND
B3
GND


Similar Part No. - CM1300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM130 ETC1-CM130 Datasheet
122Kb / 2P
   CM130
logo
Chicago Miniature Lamp,...
CM130 CML-CM130 Datasheet
222Kb / 1P
   B-6 Double Contact Bayonet Base
logo
List of Unclassifed Man...
CM130 ETC2-CM130 Datasheet
683Kb / 1P
   MOST APPROPRIATE FOR HIGH-DENSITY CIRCUIT BOARD BY THE SMALL SURFACE MOUNT TYPE
logo
CITIZEN ELECTRONICS CO....
CM130 CITIZEN-CM130 Datasheet
684Kb / 1P
   TUNING FORK CRYSTAL UNIT
logo
Visual Communications C...
CM130 VCC-CM130 Datasheet
27Kb / 1P
   Double Contact Bayonet Base
More results

Similar Description - CM1300

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPRC032A CALMIRCO-CSPRC032A Datasheet
224Kb / 5P
   4 Channel EMI Filter Network
logo
ON Semiconductor
NUF4402MN ONSEMI-NUF4402MN_09 Datasheet
171Kb / 6P
   4-Channel EMI Filter
August, 2009 ??Rev. 3
NUF4401MN ONSEMI-NUF4401MN_13 Datasheet
133Kb / 6P
   4-Channel EMI Filter
February, 2013 ??Rev. 2
NUF4001MU ONSEMI-NUF4001MU_17 Datasheet
71Kb / 6P
   4-Channel EMI Filter
February, 2017 ??Rev. 8
CM1421 ONSEMI-CM1421 Datasheet
663Kb / 8P
   4-Channel LCD EMI Filter Array
March, 2011 ??Rev. 3
logo
California Micro Device...
CSPRC032 CALMIRCO-CSPRC032 Datasheet
44Kb / 3P
   CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
CSPRC030 CALMIRCO-CSPRC030 Datasheet
44Kb / 3P
   CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
logo
ON Semiconductor
CSPEMI307A ONSEMI-CSPEMI307A_11 Datasheet
807Kb / 8P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD
May, 2011 ??Rev. 3
logo
NXP Semiconductors
IP3253CZ16-8-TTL NXP-IP3253CZ16-8-TTL Datasheet
362Kb / 13P
   Integrated 4-, 6- and 8-channel passive EMI-filter network with high-level ESD protection
Rev. 1-5 May 2011
logo
Vishay Siliconix
VEMI45AB-HNH VISHAY-VEMI45AB-HNH_V01 Datasheet
118Kb / 6P
   4-Channel EMI-Filter with ESD-Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com