Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1411-03CP Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM1411-03CP
Description  2 Channel Headset/Speaker EMI Filter with ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1411-03CP Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM1411-03CP Datasheet HTML 1Page - California Micro Devices Corp CM1411-03CP Datasheet HTML 2Page - California Micro Devices Corp CM1411-03CP Datasheet HTML 3Page - California Micro Devices Corp CM1411-03CP Datasheet HTML 4Page - California Micro Devices Corp CM1411-03CP Datasheet HTML 5Page - California Micro Devices Corp CM1411-03CP Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
2
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
09/15/05
CM1411
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Note 2: Lead-free devices are specified by using a "
+" character for the top side orientation mark.
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
A1
SPKR_IN1
Speaker Input 1 (from audio circuitry)
A3
SPKR_IN2
Speaker Input 2 (from audio circuitry)
B2
GND
Device Ground
C1
SPKR_OUT1
Speaker Output 1 (to speaker)
C3
SPKR_OUT2
Speaker Output 2 (to speaker)
23
1
C
B
A
Orientation
Marking
(see note 2)
SPKR_IN1
SPKR_IN2
SPKR_OUT1 SPKR_OUT2
A1
A3
C3
C1
GND
B2
Pin "A1"
Marking
A1
PACKAGE / PINOUT DIAGRAMS
Notes:
CM1411
CSP Package
TOP VIEW
BOTTOM VIEW
(Bumps Down View)
(Bumps Up View)
2) Lead-free devices are specified by using a "+" character for the top side orientation mark.
1) These drawings are not to scale.
PART NUMBERING INFORMATION
Pins
Package
Standard Finish
Lead-free Finish2
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
5
CSP
CM1411-03CS
CA
CM1411-03CP
CA


Similar Part No. - CM1411-03CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1411-03CP ONSEMI-CM1411-03CP Datasheet
208Kb / 9P
   2-Channel Headset/Speaker EMI Filter Array with ESD Protection
April 2010 Rev. 3
More results

Similar Description - CM1411-03CP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI201A CALMIRCO-CSPEMI201A Datasheet
607Kb / 6P
   2 Channel Headset Speaker EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI201AG ONSEMI-CSPEMI201AG Datasheet
208Kb / 9P
   2 Channel Headset Speaker EMI Filter with ESD Protection
April 2010 Rev. 3
CM1411 ONSEMI-CM1411 Datasheet
208Kb / 9P
   2-Channel Headset/Speaker EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1416 ONSEMI-CM1416 Datasheet
168Kb / 9P
   Headset/Speaker EMI Filter with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CM1414 CALMIRCO-CM1414 Datasheet
259Kb / 6P
   2 Channel Headset EMI Filter with ESD Protection
CSPEMI204 CALMIRCO-CSPEMI204 Datasheet
254Kb / 6P
   2 Channel Headset EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI202AG ONSEMI-CSPEMI202AG Datasheet
230Kb / 9P
   2 Channel Headset Microphone EMI Filter with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CM1412 CALMIRCO-CM1412 Datasheet
281Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
CSPEMI202A CALMIRCO-CSPEMI202A Datasheet
615Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI201AG ONSEMI-CSPEMI201AG_11 Datasheet
198Kb / 5P
   2 Channel Headset Speaker EMI Filter
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com