Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1418-02CP Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CM1418-02CP
Description  Praetorian??L-C EMI Filter with ESD Protection for Headset Speaker Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1418-02CP Datasheet(HTML) 7 Page - California Micro Devices Corp

  CM1418-02CP Datasheet HTML 1Page - California Micro Devices Corp CM1418-02CP Datasheet HTML 2Page - California Micro Devices Corp CM1418-02CP Datasheet HTML 3Page - California Micro Devices Corp CM1418-02CP Datasheet HTML 4Page - California Micro Devices Corp CM1418-02CP Datasheet HTML 5Page - California Micro Devices Corp CM1418-02CP Datasheet HTML 6Page - California Micro Devices Corp CM1418-02CP Datasheet HTML 7Page - California Micro Devices Corp CM1418-02CP Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
12/13/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
7
CM1418
PRELIMINARY
Mechanical Details
CM1418 CSP Mechanical Specifications
The CM1418 is supplied in 6-bump Chip Scale Pack-
age (CSP). Dimensions are presented below.
Package Dimensions for CM1418-0xCS/CP
6-bump Chip Scale Package
PACKAGE DIMENSIONS
Package
Custom CSP
Bumps
6
Dim
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A1
1.175 1.220 1.265 0.0463 0.0480 0.0498
A2
1.675 1.720 1.765 0.0659 0.0677 0.0695
B1
0.495 0.500 0.505 0.0195 0.0197 0.0199
B2
0.495 0.500 0.505 0.0195 0.0197 0.0199
C1
0.310 0.360 0.410 0.0122 0.0142 0.0161
C2
0.310 0.360 0.410 0.0122 0.0142 0.0161
D1
0.562 0.606 0.650 0.0221 0.0239 0.0256
D2
0.356 0.381 0.406 0.0140 0.0150 0.0160
D3
0.575 0.644 0.714 0.0226 0.0254 0.0281
D4
0.368 0.419 0.470 0.0145 0.0165 0.0185
# per tape and
reel
3500 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
1
2
3
B
C1
B1
A1
0.30 DIA.
D1
D2
BOTTOM VIEW
SIDE
VIEW
A
63/37 Sn/Pb (Eutectic) or
SOLDER BUMPS
96.8/2.6/0.6 Sn/Ag/Cu (Lead-free)
1
2
3
B
C1
B1
A1
0.30 DIA.
NOTE: DIMENSIONS IN MILLIMETERS
D3
D4
BOTTOM VIEW
SIDE
VIEW
A
63/37 Sn/Pb (Eutectic) or
SOLDER BUMPS
96.8/2.6/0.6 Sn/Ag/Cu (Lead-free)
OptiGuardTM
Coating
Non-Coated CSP
OptiGuard
Coated CSP


Similar Part No. - CM1418-02CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1418-02CP ONSEMI-CM1418-02CP Datasheet
179Kb / 10P
   Praetorian L-C EMI Filter with ESD Protection for Headset Speakers
April 2010 Rev. 3
More results

Similar Description - CM1418-02CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1418 ONSEMI-CM1418 Datasheet
179Kb / 10P
   Praetorian L-C EMI Filter with ESD Protection for Headset Speakers
April 2010 Rev. 3
CM1419-02CP ONSEMI-CM1419-02CP Datasheet
291Kb / 6P
   Praetorian L-C EMI Filter with ESD Protection for Headset Speakers
March, 2011 ??Rev. 4
CM1416 ONSEMI-CM1416 Datasheet
168Kb / 9P
   Headset/Speaker EMI Filter with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CSPEMI201A CALMIRCO-CSPEMI201A Datasheet
607Kb / 6P
   2 Channel Headset Speaker EMI Filter with ESD Protection
CM1411 CALMIRCO-CM1411 Datasheet
373Kb / 6P
   2 Channel Headset/Speaker EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI201AG ONSEMI-CSPEMI201AG Datasheet
208Kb / 9P
   2 Channel Headset Speaker EMI Filter with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CM1460 CALMIRCO-CM1460 Datasheet
347Kb / 7P
   Praetorian??L-C LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1690 ONSEMI-CM1690 Datasheet
262Kb / 10P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM2006 ONSEMI-CM2006 Datasheet
186Kb / 9P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1492-06DE ONSEMI-CM1492-06DE Datasheet
155Kb / 6P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com