Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1430-06DE Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM1430-06DE
Description  LCD and Camera EMI Filter Array with ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1430-06DE Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM1430-06DE Datasheet HTML 1Page - California Micro Devices Corp CM1430-06DE Datasheet HTML 2Page - California Micro Devices Corp CM1430-06DE Datasheet HTML 3Page - California Micro Devices Corp CM1430-06DE Datasheet HTML 4Page - California Micro Devices Corp CM1430-06DE Datasheet HTML 5Page - California Micro Devices Corp CM1430-06DE Datasheet HTML 6Page - California Micro Devices Corp CM1430-06DE Datasheet HTML 7Page - California Micro Devices Corp CM1430-06DE Datasheet HTML 8Page - California Micro Devices Corp CM1430-06DE Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
03/02/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
1
CM1430
LCD and Camera EMI Filter Array with ESD Protection
Features
Four, six and eight channels of EMI filtering with
integrated ESD protection
Pi-style EMI filters in a capacitor-resistor-capacitor
(C-R-C) network
±15kV ESD protection on each channel
(IEC 61000-4-2 Level 4, contact discharge)
±30kV ESD protection on each channel (HBM)
Greater than 20dB attenuation (typical) at 1 GHz
TDFN package with 0.40mm lead pitch:
• 4-ch. = 8-lead TDFN
• 6-ch. = 12-lead TDFN
• 8-ch. = 16-lead TDFN
Tiny TDFN package size:
• 8-lead: 1.7mm x 1.35mm
• 12-lead: 2.5mm x 1.35mm
• 16-lead: 3.3mm x 1.35mm
Increased robustness against vertical impacts
during manufacturing process
Lead-free version available
Applications
LCD and Camera data lines in mobile handsets
I/O port protection for mobile handsets, notebook
computers, PDAs etc.
EMI filtering for data ports in cell phones, PDAs or
notebook computers.
Wireless handsets
Handheld PCs/PDAs
LCD and camera modules
Product Description
The CM1430 is a family of pi-style EMI filter arrays with
ESD protection, which integrates four, six and eight fil-
ters (C-R-C) in small form factor TDFN 0.40mm pitch
packages. The CM1430 has component values of
8.5pF-100
Ω-8.5pF per channel. The CM1430 has a
cut-off frequency of 200MHz and can be used in appli-
cations with data rates up to 80Mbps. The parts
include ESD diodes on every pin, which provide a very
high level of protection for sensitive electronic compo-
nents that may be subjected to electrostatic discharge
(ESD). The ESD protection diodes safely dissipate
ESD strikes of
±15kV, well beyond the maximum
requirement of the IEC61000-4-2 international stan-
dard. Using the MIL-STD-883 (Method 3015) specifica-
tion for Human Body Model (HBM) ESD, the pins are
protected for contact discharges at greater than
±30kV.
These devices are particularly well-suited for portable
electronics (e.g. wireless handsets, PDAs, notebook
computers) because of their small package and easy-
to-use pin assignments. In particular, the CM1430 is
ideal for EMI filtering and protecting data and control
lines for the I/O data ports, LCD display and camera
interface in mobile handsets.
The CM1430 is housed in space-saving, low-profile 8-,
12- and 16-lead TDFN packages with a 0.4mm pitch
and is available with lead-free finishing. This new
small TDFN package provides up to 42% board space
savings vs. the 0.50mm pitch TDFN packages.
100
Ω
8.5pF
8.5pF
FILTER+ESDn*
GND
FILTER+ESDn*
Electrical Schematic
1 of 4, 6 or 8 EMI/RFI Filter Channels
* See Package/Pinout Diagram
for expanded pin information.
with Integrated ESD Protection


Similar Part No. - CM1430-06DE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1430-06DE ONSEMI-CM1430-06DE Datasheet
281Kb / 11P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results

Similar Description - CM1430-06DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com