Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1436-04DE Datasheet(PDF) 11 Page - California Micro Devices Corp

Part # CM1436-04DE
Description  4 and 8 Channel EMI Filter Arrays with ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1436-04DE Datasheet(HTML) 11 Page - California Micro Devices Corp

Back Button CM1436-04DE Datasheet HTML 5Page - California Micro Devices Corp CM1436-04DE Datasheet HTML 6Page - California Micro Devices Corp CM1436-04DE Datasheet HTML 7Page - California Micro Devices Corp CM1436-04DE Datasheet HTML 8Page - California Micro Devices Corp CM1436-04DE Datasheet HTML 9Page - California Micro Devices Corp CM1436-04DE Datasheet HTML 10Page - California Micro Devices Corp CM1436-04DE Datasheet HTML 11Page - California Micro Devices Corp CM1436-04DE Datasheet HTML 12Page - California Micro Devices Corp CM1436-04DE Datasheet HTML 13Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
02/06/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
11
CM1436
Mechanical Details
CM1436-04DF/DE Mechanical Specifications
Dimensions for the CM1436-04DF/DE supplied in a 8-
lead, 0.4mm pitch TDFN package are presented
below.
For complete information on the TDFN-8, see the Cali-
fornia Micro Devices TDFN Package Information docu-
ment.
✝This package is compliant with JEDEC standard MO-229C with the
exception of the "D", "D2", "E", "E2", "K" and "L" dimensions as
called out in the table above.
Dimensions for 8-Lead, 0.4mm pitch
TDFN package
PACKAGE DIMENSIONS
Package
TDFN
JEDEC
No.
MO-229C
Leads
8
Dim.
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028 0.030 0.031
A1
0.00
0.02
0.05
0.000 0.001 0.002
A3
0.20 REF
0.008 REF
b
0.15
0.20
0.25
0.006 0.008 0.010
D
1.65
1.70
1.75
0.065 0.067 0.069
D2
1.10
1.20
1.30
0.043 0.047 0.051
E
1.30
1.35
1.40
0.051 0.053 0.055
E2
0.30
0.40
0.50
0.012 0.016 0.020
e
0.40 BSC
0.016 BSC
K
0.20
0.008
L
0.15
0.25
0.35
0.006 0.010 0.014
# per
tape and
reel
3000 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
BOTTOM VIEW
A
A3
A1
0.10 C
0.08 C
SIDE VIEW
b
L
0.10
C A B
M
8X
D2
E2
e
GND
K
7
8
12
3
6
Pin 1
C0.2
4
5
Locator
TOP VIEW
D
Pin 1
Marking
4
3
2
1
5
7
8
6
PAD


Similar Part No. - CM1436-04DE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1436-04DE ONSEMI-CM1436-04DE Datasheet
768Kb / 16P
   4- and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev. 2
CM1436-04DE ONSEMI-CM1436-04DE Datasheet
244Kb / 10P
   4-Channel EMI Filter Arrays with ESD Protection
June 2010 Rev. 2
More results

Similar Description - CM1436-04DE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1406 ONSEMI-CM1406 Datasheet
1Mb / 14P
   4 and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev.2
CM1436 ONSEMI-CM1436 Datasheet
768Kb / 16P
   4- and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CM1407 CALMIRCO-CM1407 Datasheet
1,018Kb / 12P
   4 and 8 Channel EMI Filter Arrays with ESD Protection
logo
ON Semiconductor
CM1407 ONSEMI-CM1407 Datasheet
1Mb / 14P
   4 and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev.2
CM1636 ONSEMI-CM1636 Datasheet
880Kb / 22P
   4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
May 2010 ??Rev. 2
CM1436-04DE ONSEMI-CM1436-04DE Datasheet
244Kb / 10P
   4-Channel EMI Filter Arrays with ESD Protection
June 2010 Rev. 2
CM1692-04DE ONSEMI-CM1692-04DE Datasheet
14Kb / 1P
   Praetorian짰 L-C 4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
11/24/2010
CM1692-08DE ONSEMI-CM1692-08DE Datasheet
14Kb / 1P
   CM1692: Praetorian짰 L-C 4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
11/24/2010
logo
Vishay Siliconix
VEMI85AA-HGK VISHAY-VEMI85AA-HGK_V01 Datasheet
122Kb / 6P
   8-Channel EMI-Filter with ESD-Protection
01-Jan-2022
VEMI85AC-HGK VISHAY-VEMI85AC-HGK_V01 Datasheet
122Kb / 6P
   8-Channel EMI-Filter with ESD-Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com