Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2771 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2771
Description  Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2771 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2771 Datasheet HTML 2Page - National Semiconductor (TI) LM2771 Datasheet HTML 3Page - National Semiconductor (TI) LM2771 Datasheet HTML 4Page - National Semiconductor (TI) LM2771 Datasheet HTML 5Page - National Semiconductor (TI) LM2771 Datasheet HTML 6Page - National Semiconductor (TI) LM2771 Datasheet HTML 7Page - National Semiconductor (TI) LM2771 Datasheet HTML 8Page - National Semiconductor (TI) LM2771 Datasheet HTML 9Page - National Semiconductor (TI) LM2771 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Typical Performance Characteristics Unless otherwise specified: V
IN = 3.6V, CIN =C1 = 1.0µF, COUT
= 4.7µF, T
A =25
oC. Capacitors are low-ESR multi-layer ceramic capacitors (MLCC’s). (Continued)
Load Step, 15mA to 200mA
Load Step, 200mA to 15mA
20183823
CH2: VOUT; Scale: 20mV/Div, AC Coupled
CH4: IOUT; Scale: 200mA/Div
Time scale: 20µs/Div
20183824
CH2: VOUT; Scale: 20mV/Div, AC Coupled
CH4: IOUT; Scale: 200mA/Div
Time scale: 10µs/Div
Line Step, 3.6V to 4.5V with Load=7.5
Ω(200mA)
Oscillator Frequency vs. Input Voltage
20183822
CH1: VIN; Scale: 1V/Div, AC Coupled
CH2: VOUT; Scale: 20mV/Div, AC Coupled
Time scale: 40µs/Div
20183825
Startup and Shutdown Behavior, Load=6
Ω(250mA)
20183816
CH1: VEN; Scale: 2V/Div, DC Coupled
CH2: VOUT; Scale: 500mV/Div, DC Coupled
Time scale: 100µs/Div
www.national.com
6


Similar Part No. - LM2771

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2771SD/NOPB TI1-LM2771SD/NOPB Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2771SDX/NOPB TI1-LM2771SDX/NOPB Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
More results

Similar Description - LM2771

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2772 NSC-LM2772 Datasheet
1Mb / 12P
   Low-Ripple Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2772 TI1-LM2772 Datasheet
2Mb / 16P
[Old version datasheet]   Low-Ripple Switched Capacitor Step-Down Regulator
logo
ams AG
AS1334 AMSCO-AS1334_07 Datasheet
932Kb / 19P
   650mA, Ultra low Ripple Step Down DC/DC Converter
AS1334 AMSCO-AS1334 Datasheet
1Mb / 17P
   650mA, Ultra low Ripple Step Down DC/DC Converter
logo
Texas Instruments
LM2772 TI-LM2772_15 Datasheet
2Mb / 17P
[Old version datasheet]   LM2772 Low-Ripple Switched Capacitor Step-Down Regulator
logo
Linear Technology
LTC1514-5 LINER-LTC1514-5_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
215Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
   SWITCHED CAPACITOR DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com