Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1442 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM1442
Description  LCD and Camera EMI Filter Array with ESD Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1442 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM1442 Datasheet HTML 1Page - California Micro Devices Corp CM1442 Datasheet HTML 2Page - California Micro Devices Corp CM1442 Datasheet HTML 3Page - California Micro Devices Corp CM1442 Datasheet HTML 4Page - California Micro Devices Corp CM1442 Datasheet HTML 5Page - California Micro Devices Corp CM1442 Datasheet HTML 6Page - California Micro Devices Corp CM1442 Datasheet HTML 7Page - California Micro Devices Corp CM1442 Datasheet HTML 8Page - California Micro Devices Corp CM1442 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
2
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com 11/08/05
CM1442
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Note 2: Lead-free devices are specified by using a "+" character for the top side orientation mark.
PIN DESCRIPTIONS
PIN(s)
NAME
DESCRIPTION
PIN(s)
NAME
DESCRIPTION
A1
FILTER1
Filter + ESD Channel 1
C1
FILTER1
Filter + ESD Channel 1
A2
FILTER2
Filter + ESD Channel 2
C2
FILTER2
Filter + ESD Channel 2
A3
FILTER3
Filter + ESD Channel 3
C3
FILTER3
Filter + ESD Channel 3
A4
FILTER4
Filter + ESD Channel 4
C4
FILTER4
Filter + ESD Channel 4
A5
FILTER5
Filter + ESD Channel 5
C5
FILTER5
Filter + ESD Channel 5
A6
FILTER6
Filter + ESD Channel 6
C6
FILTER6
Filter + ESD Channel 6
A7
FILTER7
Filter + ESD Channel 7
C7
FILTER7
Filter + ESD Channel 7
A8
FILTER8
Filter + ESD Channel 8
C8
FILTER8
Filter + ESD Channel 8
B1-B4
GND
Device Ground
N426
4
3
26
5
1
C
B
A
Orientation
Marking
(see note 2)
N428
4
3
26
58
7
1
C
B
A
Orientation
Marking
(see note 2)
FILTER5
FILTER6
GND
FILTER5
FILTER6
A6
A5
Orientation
Marking
B3
C6
C5
FILTER3
FILTER4
GND
FILTER3
FILTER4
A4
A3
B2
C4
C3
FILTER1
FILTER2
GND
FILTER1
FILTER2
A2
A1
B1
C2
C1
A1
FILTER5
FILTER6
GND
FILTER5
FILTER6
FILTER7
FILTER8
GND
FILTER7
FILTER8
A6
A5
Orientation
Marking
B3
B4
C6
C5
FILTER3
FILTER4
GND
FILTER3
FILTER4
A4
A3
B2
C4
A8
A7
C8
C7
C3
FILTER1
FILTER2
GND
FILTER1
FILTER2
A2
A1
B1
C2
C1
A1
PACKAGE / PINOUT DIAGRAMS
Notes:
BOTTOM VIEW
CM1442-06CS/CP
15 Bump CSP Package
(Bumps Up View)
TOP VIEW
(Bumps Down View)
1) These drawings are not to scale.
2) Lead-free devices are specified by using a "+" character for the top side orientation mark.
CM1442-08CS/CP
20 Bump CSP Package
PART NUMBERING INFORMATION
Bumps
Package
Standard Finish
Lead-free Finish2
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
15
CSP
CM1442-06CS
N426
CM1442-06CP
N426
20
CSP
CM1442-08CS
N428
CM1442-08CP
N428


Similar Part No. - CM1442

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1442 ONSEMI-CM1442 Datasheet
549Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1442-06CP ONSEMI-CM1442-06CP Datasheet
549Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1442-06CS ONSEMI-CM1442-06CS Datasheet
549Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1442-06LP ONSEMI-CM1442-06LP Datasheet
1Mb / 10P
   LCD and Camera EMI Filter Array with ESD Protection
March 2010 Rev. 3
CM1442-08CP ONSEMI-CM1442-08CP Datasheet
549Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results

Similar Description - CM1442

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com