Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1460-04DE Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CM1460-04DE
Description  Praetorian??L-C LCD and Camera EMI Filter Array with ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1460-04DE Datasheet(HTML) 7 Page - California Micro Devices Corp

  CM1460-04DE Datasheet HTML 1Page - California Micro Devices Corp CM1460-04DE Datasheet HTML 2Page - California Micro Devices Corp CM1460-04DE Datasheet HTML 3Page - California Micro Devices Corp CM1460-04DE Datasheet HTML 4Page - California Micro Devices Corp CM1460-04DE Datasheet HTML 5Page - California Micro Devices Corp CM1460-04DE Datasheet HTML 6Page - California Micro Devices Corp CM1460-04DE Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
02/23/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
7
CM1460
Mechanical Details (cont’d)
TDFN-16 Mechanical Specifications
The CM1460-08DE is supplied in an 16-lead, 0.5mm
pitch TDFN package. Dimensions are presented
below.
For complete information on the TDFN-16, see the Cal-
ifornia Micro Devices TDFN Package Information doc-
ument.
✝This package is compliant with JEDEC standard MO-229C with the
exception of the "D", "D2", "E", "E2", "K" and "L" dimensions as
called out in the table above.
Dimensions for 16-Lead, 0.5mm pitch
TDFN package
PACKAGE DIMENSIONS
Package
TDFN
JEDEC
No.
MO-229C
Leads
16
Dim.
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028 0.030 0.031
A1
0.00
0.02
0.05
0.000 0.001 0.002
A3
0.40
0.55
0.70
0.016 0.022 0.028
b
0.20 REF
0.008 REF
D
3.90
4.00
4.10
0.153 0.157 0.161
D2
3.10
3.20
3.30
0.122 0.126 0.130
E
1.50
1.60
1.70
0.059 0.063 0.067
E2
0.30
0.40
0.50
0.012 0.016 0.020
e
0.50 BSC
BSC
K
0.20
0.008
L
0.20
0.30
0.40
0.008 0.010 0.012
# per
tape and
reel
3000 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
BOTTOM VIEW
A
A3
A1
0.10 C
0.08 C
SIDE VIEW
b
L
0.10
C A B
M
8X
D2
E2
e
GND PAD
K
13
14
15
16
3
2
14
5
12
Pin 1
C0.2
67
8
11 10
9
Locator
TOP VIEW
D
Pin 1
Marking
4
3
2
1
13
15
16
5
12
8
7
6
14
9
11 10


Similar Part No. - CM1460-04DE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1460-04DE ONSEMI-CM1460-04DE Datasheet
1Mb / 19P
   Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection
February 2010 ??Rev. 2
More results

Similar Description - CM1460-04DE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1690 ONSEMI-CM1690 Datasheet
262Kb / 10P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM2006 ONSEMI-CM2006 Datasheet
186Kb / 9P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1492-06DE ONSEMI-CM1492-06DE Datasheet
155Kb / 6P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
EMI9406 ONSEMI-EMI9406 Datasheet
214Kb / 6P
   PRAETORIAN L-C LCD and Camera EMI Array with ESD Protection
December, 2011 ??Rev. 0
EMI9408 ONSEMI-EMI9408 Datasheet
211Kb / 5P
   PRAETORIAN L-C LCD and Camera EMI Array with ESD Protection
November, 2012 ??Rev. 1
CM1693-06DE ONSEMI-CM1693-06DE Datasheet
143Kb / 6P
   Praetorian L-C LCD and Camera EMI Array with ESD Protection
March 2010 ??Rev. 2
CM1460 ONSEMI-CM1460 Datasheet
1Mb / 19P
   Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection
February 2010 ??Rev. 2
CM1461 ONSEMI-CM1461 Datasheet
1Mb / 18P
   Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection
February 2010 ??Rev. 2
CM1693-04DE ONSEMI-CM1693-04DE Datasheet
178Kb / 8P
   L-C LCD and Camera EMI Filter Array with ESD Protection
May, 2013 ??Rev. 3
CM2006 ONSEMI-CM2006_16 Datasheet
94Kb / 6P
   L-C LCD and Camera EMI Filter Array with ESD Protection
January, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com