Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1470-06CP Datasheet(PDF) 10 Page - California Micro Devices Corp

Part # CM1470-06CP
Description  Praetorian??4-, 6- and 8-Channel Series Inductor Networks
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1470-06CP Datasheet(HTML) 10 Page - California Micro Devices Corp

Back Button CM1470-06CP Datasheet HTML 3Page - California Micro Devices Corp CM1470-06CP Datasheet HTML 4Page - California Micro Devices Corp CM1470-06CP Datasheet HTML 5Page - California Micro Devices Corp CM1470-06CP Datasheet HTML 6Page - California Micro Devices Corp CM1470-06CP Datasheet HTML 7Page - California Micro Devices Corp CM1470-06CP Datasheet HTML 8Page - California Micro Devices Corp CM1470-06CP Datasheet HTML 9Page - California Micro Devices Corp CM1470-06CP Datasheet HTML 10Page - California Micro Devices Corp CM1470-06CP Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
10
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com 03/15/06
CM1470
PRELIMINARY
Mechanical Details
CM1470-08CP Mechanical Specifications
Dimensions for the CM1470-08CP supplied in an 18-
bump, 0.4mm pitch chip scale package (CSP) are pre-
sented below.
For complete information on the CSP-18, see the Cali-
fornia Micro Devices CSP Package Information docu-
ment.
Package Dimensions for
CM1470-08CP Chip Scale Package
PACKAGE DIMENSIONS
Package
Custom CSP
Bumps
18
Dim
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A1
0.791 0.836 0.881 0.0311 0.0329 0.0347
A2
3.585 3.630 3.675 0.1411 0.1429 0.1447
B1
0.395 0.400 0.405 0.0156 0.0157 0.0159
B2
0.395 0.400 0.405 0.0156 0.0157 0.0159
C1
0.168 0.218 0.268 0.0066 0.0086 0.0106
C2
0.165 0.215 0.265 0.0065 0.0085 0.0104
D1
0.537 0.607 0.676 0.0211 0.0239 0.0266
D2
0.368 0.419 0.470 0.0145 0.0165 0.0185
# per tape and
reel
3500 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
NOTE: DIMENSIONS IN MILLIMETERS
OptiGuardTM Coated CSP
0.25 DIA.
63/37 Sn/Pb (Eutectic) or
SOLDER BUMPS
96.8/2.6/0.6 Sn/Ag/Cu (Lead-free)
OptiGuardTM
Coating
4
5
B
C1
B1
A1
D1
D2
BOTTOM VIEW
SIDE
VIEW
A
1
2
3
A
B
A
B
6
7
8
9


Similar Part No. - CM1470-06CP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM147 VCC-CM147 Datasheet
32Kb / 1P
   Wedge Base
logo
Chicago Miniature Lamp,...
CM1471 CML-CM1471 Datasheet
223Kb / 1P
   R-12 Single Contact Bayonet Base
logo
List of Unclassifed Man...
CM1471 ETC-CM1471 Datasheet
33Kb / 1P
   R-12 Single, Double, Candelabra Contact Bayonet Base
More results

Similar Description - CM1470-06CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1457 ONSEMI-CM1457 Datasheet
359Kb / 9P
   Praetorian III짰 4, 6, 8-Channel EMI Filter Array with ESD Protection
May 2010 ??Rev. 4
CM1453-08CP ONSEMI-CM1453-08CP Datasheet
400Kb / 12P
   Praetorian 8-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1453-04CP ONSEMI-CM1453-04CP Datasheet
235Kb / 9P
   Praetorian 4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1636 ONSEMI-CM1636 Datasheet
880Kb / 22P
   4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
May 2010 ??Rev. 2
logo
List of Unclassifed Man...
LB324P ETC2-LB324P Datasheet
189Kb / 4P
   Enclosed Isolators 3, 4, 6 and 8 Poles
logo
Nexperia B.V. All right...
IP4251-TTL NEXPERIA-IP4251-TTL Datasheet
907Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
logo
NXP Semiconductors
IP4252CZ12-6-TTL PHILIPS-IP4252CZ12-6-TTL Datasheet
327Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
Rev. 2-5 May 2011
logo
Nexperia B.V. All right...
PEMIXCSP NEXPERIA-PEMIXCSP Datasheet
250Kb / 17P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
logo
ON Semiconductor
CM1216 ONSEMI-CM1216 Datasheet
213Kb / 13P
   6 and 8-Channel Low Capacitance ESD Arrays
April 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com