Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3109-00SB Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM3109-00SB
Description  2A Sink/Source Regulator for Front Side Bus and DDR Memory Bus Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3109-00SB Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM3109-00SB Datasheet HTML 1Page - California Micro Devices Corp CM3109-00SB Datasheet HTML 2Page - California Micro Devices Corp CM3109-00SB Datasheet HTML 3Page - California Micro Devices Corp CM3109-00SB Datasheet HTML 4Page - California Micro Devices Corp CM3109-00SB Datasheet HTML 5Page - California Micro Devices Corp CM3109-00SB Datasheet HTML 6Page - California Micro Devices Corp CM3109-00SB Datasheet HTML 7Page - California Micro Devices Corp CM3109-00SB Datasheet HTML 8Page - California Micro Devices Corp CM3109-00SB Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
01/15/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846
▲ www.calmicro.com
3
CM3109
Specifications
Note 1: These devices must be derated based on thermal resistance at elevated temperatures. The CM3109-xxSB/ must be der-
ated at
θJA = 40°C/W . Please consult with factory for thermal evaluation assistance.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
VCC Operating Supply Voltage
7
V
VDDQ Input Voltage
7V
Pin Voltages
VTT Output
Any other pins
7
7
V
V
Storage Temperature Range
-40 to +150
°C
Operating Temperature Range
Ambient
Junction
-45 to +85
-45 to +150
°C
°C
Power Dissipation (See note 1)
Internally Limited
W
STANDARD OPERATING CONDITIONS
PARAMETER
VALUE
UNITS
VDDQ, VDDQ
2.5
V
Ambient Operating Temperature
25
°C
COUT
220
±20%
μF


Similar Part No. - CM3109-00SB

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM310 CML-CM310 Datasheet
227Kb / 1P
   S-11 Double Contact Bayonet Base
logo
Visual Communications C...
CM310 VCC-CM310 Datasheet
32Kb / 1P
   Contact Bayonet Base Wire Terminal
logo
California Micro Device...
CM3102 CALMIRCO-CM3102 Datasheet
236Kb / 9P
   Micropower 1.2V/150mA CMOS LDO Regulator with Power Good
logo
Chicago Miniature Lamp,...
CM3102 CML-CM3102 Datasheet
227Kb / 1P
   S-11 Double Contact Bayonet Base
logo
Visual Communications C...
CM3102 VCC-CM3102 Datasheet
32Kb / 1P
   Contact Bayonet Base Wire Terminal
More results

Similar Description - CM3109-00SB

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3107 CALMIRCO-CM3107 Datasheet
1Mb / 13P
   2 Amp Source/ Sink Bus Termination Regulator for DDR Memory and Front Side Bus Applications
CM3196 CALMIRCO-CM3196 Datasheet
362Kb / 13P
   2A Sink/Source DDR-I, -II Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
   2A Sink/Source Bus Termination Regulator
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Seaward Electronics Inc...
SE9175 SEAWARD-SE9175 Datasheet
961Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP_14 Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Seaward Electronics Inc...
SE9174C SEAWARD-SE9174C Datasheet
326Kb / 6P
   2A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com