Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3131-02SH Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM3131-02SH
Description  Triple Linear Voltage Regulator for DDR-I/-II Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3131-02SH Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM3131-02SH Datasheet HTML 1Page - California Micro Devices Corp CM3131-02SH Datasheet HTML 2Page - California Micro Devices Corp CM3131-02SH Datasheet HTML 3Page - California Micro Devices Corp CM3131-02SH Datasheet HTML 4Page - California Micro Devices Corp CM3131-02SH Datasheet HTML 5Page - California Micro Devices Corp CM3131-02SH Datasheet HTML 6Page - California Micro Devices Corp CM3131-02SH Datasheet HTML 7Page - California Micro Devices Corp CM3131-02SH Datasheet HTML 8Page - California Micro Devices Corp CM3131-02SH Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
02/02/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
CM3131
2
PACKAGE / PINOUT DIAGRAM
Note: These drawings are not to scale.
PIN DESCRIPTIONS
PART NUMBER
-01
-11
-02
NAME
DESCRIPTION
1
1
13
VDDQ / VDDQ1
VDDQ input for VREF and VDDQ Output in Standby
2
2
14
VTT
VTT Output for termination resistors
1
NC
No connection
3
3
2
GND
Ground
4
3
SEL
Select Input, active low
4
NC
No connection
4
7
EN
Enable Input, active high
5
5
5
SENSE / SENSE1
Sense Input, Adjusts VDDQ Rail
6
6
6
VCC
3.3V Main Input Supply
7
7
8
VSTBY
3.3V or 5V Standby Input Supply
8
8
9
DRIVE / DRIVE1
Drive Output for VDDQ External n-FET
10
DRIVE2
Drive Output for VDDQ External n-FET
11
SENSE2
Sense Input, Adjusts VDDQ Rail
12
VDDQ 2
VDDQ Input for VREF and VDDQ Output in Standby
Ordering Information
PART NUMBERING INFORMATION
STANDARD FINISH
LEAD-FREE FINISH
PINS
PACKAGE
ORDERING PART
NUMBER
1
PART
MARKETING
ORDERING
PART NUMBER
1
PART
MARKING
8
PSOP-8
CM3131-01SB
CM3131-01SB
CM3131-01SH
CM3131-01SH
8
PSOP-8
CM3131-11SB
CM3131-11SB
CM3131-11SH
CM3131-11SH
14
PSOP-14
CM3131-02SB
CM3131-02SB
CM3131-02SH
CM3131-02SH
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
V DDQ
VTT
GND
SEL/EN
DRIVE
VSTBY
VCC
SENSE
CM3131-01/11
PSOP-8
TOP VIEW
PSOP-14
VTT
VDDQ1
VDDQ2
SENSE2
DRIVE2
DRIVE1
VSTBY
CM3131-02
TOP VIEW
NC
GND
SEL
NC
SENSE1
V
CC
EN


Similar Part No. - CM3131-02SH

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM313 CML-CM313 Datasheet
23Kb / 1P
   T-3 1/4 Miniature Bayonet Base
logo
Visual Communications C...
CM313 VCC-CM313 Datasheet
26Kb / 1P
   Bayonet Base, Screw Base
logo
California Micro Device...
CM3132 CALMIRCO-CM3132 Datasheet
234Kb / 11P
   Triple Linear Voltage Regulator for DDR-I Memory and CPU
CM3132-02SB CALMIRCO-CM3132-02SB Datasheet
234Kb / 11P
   Triple Linear Voltage Regulator for DDR-I Memory and CPU
CM3132-02SH CALMIRCO-CM3132-02SH Datasheet
234Kb / 11P
   Triple Linear Voltage Regulator for DDR-I Memory and CPU
More results

Similar Description - CM3131-02SH

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3121 CALMIRCO-CM3121 Datasheet
219Kb / 11P
   Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
CM3132 CALMIRCO-CM3132 Datasheet
234Kb / 11P
   Triple Linear Voltage Regulator for DDR-I Memory and CPU
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
   DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
Global Mixed-mode Techn...
G2996 GMT-G2996 Datasheet
282Kb / 13P
   DDR I/II Termination Regulator
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
[Old version datasheet]   LP2998 DDR-I and DDR-II Termination Regulator
logo
Maxim Integrated Produc...
MAX1510 MAXIM-MAX1510 Datasheet
415Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 0; 5/04
MAX8794 MAXIM-MAX8794_10 Datasheet
258Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 2; 3/10
MAX8794 MAXIM-MAX8794_07 Datasheet
276Kb / 14P
   Low-Voltage DDR Linear Regulator
Rev 1; 10/07
MAX8794 MAXIM-MAX8794 Datasheet
386Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 0; 8/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com