Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHSLNA54064 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHSLNA54064
Description  RAD-HARD SYNCHRONOUS RECTIFIER SURFACE MOUNT (SMD-2)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHSLNA54064 Datasheet(HTML) 3 Page - International Rectifier

  IRHSLNA54064 Datasheet HTML 1Page - International Rectifier IRHSLNA54064 Datasheet HTML 2Page - International Rectifier IRHSLNA54064 Datasheet HTML 3Page - International Rectifier IRHSLNA54064 Datasheet HTML 4Page - International Rectifier IRHSLNA54064 Datasheet HTML 5Page - International Rectifier IRHSLNA54064 Datasheet HTML 6Page - International Rectifier IRHSLNA54064 Datasheet HTML 7Page - International Rectifier IRHSLNA54064 Datasheet HTML 8Page - International Rectifier IRHSLNA54064 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRHSLNA57064
www.irf.com
3
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test condi-
tions in order to provide a direct comparison.
Radiation Characteristics
1. Part numbers IRHSLNA57064, IRHSLNA53064 and IRHSLNA54064
2. Part number IRHSLNA58064
Fig a. Single Event Effect, Safe Operating Area
International Rectifier Radiation Hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Table 2. Single Event Effect Safe Operating Area
Ion
LET
Energy
Range
V
DS
(V)
MeV/(mg/cm2))
(MeV)
(µm)
@V
GS
=0V @V
GS
=-5V @V
GS
=-10V @V
GS
=-15V @V
GS
=-20V
Kr
39.2
300
37.4
60
60
60
52
34
Xe
63.3
300
29.2
46
46
35
25
15
Au
86.6
2068
106
35
35
27
20
14
0
10
20
30
40
50
60
70
0
-5
-10
-15
-20
VGS
Kr
Xe
Au
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ➄➅
Parameter
Up to 600K Rads(Si)1 1000K Rads (Si)2 Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
60
60
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.0
1.5
4.0
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
-100
VGS = -20 V
IDSS
Zero Gate Voltage Drain Current
10
25
µA
VDS=48V, VGS =0V
RDS(on)
Static Drain-to-Source
6.1
7.1
m
VGS = 12V, ID =45A
On-State Resistance (TO-3)
RDS(on)
Static Drain-to-Source
6.1
7.1
m
VGS = 12V, ID =45A
On-State Resistance (SMD-2)
VSD
Diode Forward Voltage
1.3
1.3
V
VGS = 0V, IS = 45A


Similar Part No. - IRHSLNA54064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHSLNA57Z60 IRF-IRHSLNA57Z60 Datasheet
130Kb / 9P
   RAD-HARD IRHSLNA57Z60 RECTIFIER SURFACE MOUNT (SMD-2)
IRHSLNA57Z60 IRF-IRHSLNA57Z60 Datasheet
130Kb / 9P
   Simple Drive Requirements
IRHSLNA57Z60 IRF-IRHSLNA57Z60_15 Datasheet
130Kb / 9P
   Simple Drive Requirements
More results

Similar Description - IRHSLNA54064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSNA57064 IRF-IRHSNA57064 Datasheet
114Kb / 9P
   RAD-HARD SYNCHRONOUS RECTIFIER SURFACE MOUNT(SMD-2)
IRHSLNA57Z60 IRF-IRHSLNA57Z60 Datasheet
130Kb / 9P
   RAD-HARD IRHSLNA57Z60 RECTIFIER SURFACE MOUNT (SMD-2)
IRHSNA57Z60 IRF-IRHSNA57Z60 Datasheet
113Kb / 9P
   RAD-HARD SYNCHRONOUS RECTIFIER SURFACE MOUNT (SMD-2) 30V N-CHANNEL
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
ISL70001ASEH INTERSIL-ISL70001ASEH Datasheet
1Mb / 25P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
logo
STMicroelectronics
M54HC161 STMICROELECTRONICS-M54HC161_04 Datasheet
652Kb / 12P
   RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M54HC160 STMICROELECTRONICS-M54HC160_04 Datasheet
663Kb / 12P
   RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M54HC163 STMICROELECTRONICS-M54HC163_04 Datasheet
643Kb / 12P
   RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M54HC193 STMICROELECTRONICS-M54HC193 Datasheet
353Kb / 13P
   RAD-HARD SYNCHRONOUS UP/DOWN BINARY COUNTER
logo
Anaren Microwave
MSK5063RH ANAREN-MSK5063RH Datasheet
704Kb / 12P
   RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com