Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK1-L-6V Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # RK1-L-6V
Description  1.5 GHz MICROWAVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

RK1-L-6V Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  RK1-L-6V Datasheet HTML 1Page - Nais(Matsushita Electric Works) RK1-L-6V Datasheet HTML 2Page - Nais(Matsushita Electric Works) RK1-L-6V Datasheet HTML 3Page - Nais(Matsushita Electric Works) RK1-L-6V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RK
104
4.-(1) Mechanical life test (Single side stable)
Sample: RK1-12V; No. of samples: n = 12
4.-(2) Mechanical life test (Latching)
Sample: RK1-L2-12V
No. of samples: n = 12
4.-(3) Mechanical life test
Sample: RK1-12V
No. of samples: n = 20 (20
× 2 contacts)
0
2
4
6
8
10
12
100
500 1,000
Min.
Max.
Min.
Max.
No. of operations,
×104
Pick-up voltage
Drop-out voltage
0
2
4
6
8
10
12
100
500 1,000
Min.
Max.
No. of operations,
×104
0
50
100
150
200
250
300
50
100
500 1,000
Min.
Max.
No. of operations,
×104
5. Electrical life test (0.01 A 24 V DC)
Sample: RK1-12V; No. of samples: n = 6
6. Ambient temperature characteristics
Sample: RK1-12V; No. of samples: n = 6
7. Contact resistance distribution (initial)
Sample: RK1-12V
No. of samples: n = 50 (50
× 2 contacts)
0
2
4
6
8
10
12
10
20
30
Min.
Max.
Min.
Max.
No. of operations,
×104
Pick-up voltage
Drop-out voltage
–40
–40
–20
–4
0
20
68
40
20
–20
–40
Ambient temperature,
°C °F
40
104
60
140
80
176
Pick-up voltage
Drop-out voltage
0
10
20
30
40
50
10
20
30
40
50
Contact resistance, m
8.-(1) Influence of adjacent mounting
Sample: RK1-12V; No. of sample: n = 10
8.-(2) Influence of adjacent mounting
Sample: RK1-12V; No. of samples: n = 10
–10
0
10
–10
0
10
5
.197
10
.394
ON ON
OFF OFF
OFF condition
ON condition
Inter-relay distance,
(mm, inch)
Pick-up voltage
Drop-out voltage
ON
ON
OFF
OFF
–10
0
10
–10
0
10
5
.197
10
.394
0
10
OFF condition
Inter-relay distance,
(mm, inch)
ON condition
Drop-out voltage
Pick-up voltage
NOTES
1. Soldering
Perform soldering under the conditions
below.
• Within 10 s at 260°C 500°F
• Within 3 s at 350°C 662°F
2. Latching relay
In order to assure proper operating re-
gardless of changes in the ambient usage
temperature and usage conditions, nomi-
nal operating voltage should be applied to
the coil for more than 30 ms to set/reset
the latching type relay.
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - RK1-L-6V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
RK1-L12V NAIS-RK1-L12V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1-L212V NAIS-RK1-L212V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1-L224V NAIS-RK1-L224V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1-L23V NAIS-RK1-L23V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1-L24.5V NAIS-RK1-L24.5V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
More results

Similar Description - RK1-L-6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARXP1003 PANASONIC-ARXP1003 Datasheet
156Kb / 5P
   3 GHz MICROWAVE RELAY WITH 60 W CARRYING POWER
logo
Nais(Matsushita Electri...
RK1-12V NAIS-RK1-12V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
logo
Analog Devices
HMC1093 AD-HMC1093 Datasheet
581Kb / 10P
   42 GHz Microwave Radio
logo
List of Unclassifed Man...
TAP1500 ETC2-TAP1500 Datasheet
226Kb / 6P
   1.5 GHz Active Probe
logo
Nais(Matsushita Electri...
RA-RELAYS NAIS-RA-RELAYS Datasheet
208Kb / 3P
   MICROWAVE RELAY FOR ATTENUATOR CIRCUIT
logo
API Technologies Corp
BXHF1075 APITECH-BXHF1075 Datasheet
597Kb / 1P
   43 GHz to 44 GHz Microwave Amplifier
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com