Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK1-L-6V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # RK1-L-6V
Description  1.5 GHz MICROWAVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

RK1-L-6V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  RK1-L-6V Datasheet HTML 1Page - Nais(Matsushita Electric Works) RK1-L-6V Datasheet HTML 2Page - Nais(Matsushita Electric Works) RK1-L-6V Datasheet HTML 3Page - Nais(Matsushita Electric Works) RK1-L-6V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
101
RK-RELAYS
1.5 GHz MICROWAVE RELAY
mm inch
11.2
.441
9.7
.382
20.2
.795
• Excellent high frequency characteristics
Isolation: Min. 60dB (at 1.5 GHz)
Insertion loss: Max. 0.3dB (at 900 MHz)
• V.S.W.R.: Max. 1.5 (at 900MHz)
• High sensitivity in small size
Size: 20.2
× 11.2 × 9.7 mm .795 × .441 × .382 inch
Nominal power consumption: 200 mW (single side stable type)
• Sealed construction for automatic cleaning
• Latching types are also available
Arrangement
Contact
Coil (at 25
°C, 68°F)
Contact material
Max. switching voltage
Isolation
Max. switching current
Insertion loss
0.01 A 24 V DC
10 W 1.2 GHz
3
×105
105
V.S.W.R.
Min. 60 dB (at 1.5 GHz)
Max. 0.3 dB (at 900 MHz)
Max. 1.5 (at 900 MHz)
2 coil latching
Single side stable
200 mW
Nominal operating power
1 coil latching
400 mW
200 mW
Initial contact resistance, max.
(By HP4328A)
1 Form C
Gold-clad
100 m
Nominal switching
capacity
High frequency
characteristics
(Impedance 50
Ω)
Expected
life (min.
operations)
5
×106
Electrical
Mechanical
Rating
Max. switching power
30 V DC
0.5 A
0.01 A 24 V DC 10 W (at
1.2 GHz, Impedance 50
Ω)
10 W
Characteristics
Initial insulation resistance*1
Operate time [Set time]*3 (at nominal voltage)
Approx. 6 ms [Approx. 5ms]
Max. 60
°Cwith nominal coil
voltage across coil and at
nominal switching capacity
Temperature rise
Initial
breakdown
voltage*2
Between open contacts
Between contact and coil
Between contact and
earth terminal
500 Vrms
1,000 Vrms
500 Vrms
Min. 100 M
Ω at 500 V DC
Shock resistance
Vibration
resistance
Unit weight
Remarks
* Specifications will vary with foreign standards certification ratings.
*
1 Measurement at same location as “Initial breakdown voltage” section
*
2 Detection current: 10mA
*
3 Excluding contact bounce time
*
4 Half-wave pulse of sine wave: 11ms, detection time: 10
µs
*
5 Half-wave pulse of sine wave: 6ms
*
6 Detection time: 10
µs
Approx. 4.4 g .155 oz
Min. 196 m/s2 {20 G}
Min. 980 m/s2 {100 G}
Functional*4
Destructive*5
Functional*6
Destructive
10 to 55 Hz
at double amplitude of 3 mm
10 to 55 Hz
at double amplitude of 5 mm
Conditions for operation,
transport and storage
(Not freezing and condensing
at low temperature)
Ambient temp.
Humidity
–40
°C to 60°C
–40
°F to 140°F
5 to 85% R.H.
Release time (without diode) [Reset time]*3
(at nominal voltage) *2
Approx. 3 ms [Approx. 5ms]
TYPICAL
APPLICATIONS
• Audio visual equipment
broadcast satellite tuners
VCRs, CATVs, TVs
• Communication equipment
automobile telephones
maritime telephones
• Instrumentation
test equipment
measuring equipment
ORDERING INFORMATION
1
Ex. RK
L2
Contact arrangement
1: Standard type
1R: R type
(See Schematic on next page.)
Note: Standard packing; Carton: 50 pcs. Case 500 pcs.
Nil: Single side stable
L: 1 coil latching
L2: 2 coil latching
3, 4.5, 5, 6, 9, 12,
24 V
Operating function
Coil voltage, DC
24V
SPECIFICATIONS


Similar Part No. - RK1-L-6V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
RK1-L12V NAIS-RK1-L12V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1-L212V NAIS-RK1-L212V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1-L224V NAIS-RK1-L224V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1-L23V NAIS-RK1-L23V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1-L24.5V NAIS-RK1-L24.5V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
More results

Similar Description - RK1-L-6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARXP1003 PANASONIC-ARXP1003 Datasheet
156Kb / 5P
   3 GHz MICROWAVE RELAY WITH 60 W CARRYING POWER
logo
Nais(Matsushita Electri...
RK1-12V NAIS-RK1-12V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
logo
Analog Devices
HMC1093 AD-HMC1093 Datasheet
581Kb / 10P
   42 GHz Microwave Radio
logo
List of Unclassifed Man...
TAP1500 ETC2-TAP1500 Datasheet
226Kb / 6P
   1.5 GHz Active Probe
logo
Nais(Matsushita Electri...
RA-RELAYS NAIS-RA-RELAYS Datasheet
208Kb / 3P
   MICROWAVE RELAY FOR ATTENUATOR CIRCUIT
logo
API Technologies Corp
BXHF1075 APITECH-BXHF1075 Datasheet
597Kb / 1P
   43 GHz to 44 GHz Microwave Amplifier
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com