Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2770 Datasheet(PDF) 4 Page - Texas Instruments

Part # TAS2770
Description  TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2770 Datasheet(HTML) 4 Page - Texas Instruments

  TAS2770_V01 Datasheet HTML 1Page - Texas Instruments TAS2770_V01 Datasheet HTML 2Page - Texas Instruments TAS2770_V01 Datasheet HTML 3Page - Texas Instruments TAS2770_V01 Datasheet HTML 4Page - Texas Instruments TAS2770_V01 Datasheet HTML 5Page - Texas Instruments TAS2770_V01 Datasheet HTML 6Page - Texas Instruments TAS2770_V01 Datasheet HTML 7Page - Texas Instruments TAS2770_V01 Datasheet HTML 8Page - Texas Instruments TAS2770_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
DSBGA
QFN
NAME
D5
24
AREG
O
Gate drive voltage regulator output. Decouple with cap to GND. Do not connect
to external load.
C1
9
AVDD
P
Analog power input. Connect to 1.8V supply and decouple to GND with cap.
A2
1
BST_N
I
Class-D negative bootstrap. Connect a cap between BST_N and OUT_N.
B2
4
BST_P
I
Class-D positive bootstrap. Connect a cap between BST_P and OUT_P.
D1
7
DREG
O
Digital core voltage regulator output. Bypass to GND with a cap. Do not
connect to external load.
E2
14
FSYNC
I
TDM Frame Sync.
C2, E3,
E4
10, 15,
16
GND
P
Analog GND. Connect to PCB GND Plane.
D2
8
IOVDD
P
Digital IO Supply. Connect to the same 1.8 V supply that powers AVDD and
decouple with a cap to GND.
D4
20
IRQZ
O
Open drain, actve low interrupt pin. Pull up to IOVDD with resistor if optional
internal pull up is not used.
D3
19
MODE
I
Mode detect pin. This pin can detect a short to IOVDD or GND, a 470 Ω
connection to IOVDD or GND, a 2.2 kΩ connection to IOVDD or GND, a 10
kΩ connection to IOVDD or GND and a 47 kΩ connection to IOVDD. Minimize
capacitive loading on this pin and do not connect to any other load.
A5, B5
26
OUT_N
O
Class-D negative output.
A3, B3
3
OUT_P
O
Class-D positive output.
F5
17
PDMCK
IO
PDM Clock.
E5
18
PDMD
I
PDM Digital Input.
A4, B4
2
PGND
P
Class-D GND. Connect to PCB GND Plane.
F1
13
SBCLK
I
TDM Serial Bit Clock in TDM/I2C Mode.
F4
23
SCL
I
I2C Clock Pin. Pull up to IOVDD with a resistor.
F3
22
SDA
IO
I2C Data Pin. Pull up to IOVDD with a resistor.
F2
11
SDIN
I
TDM Serial Data Input.
E1
12
SDOUT
IO
TDM Serial Data Output in TDM/I2C Mode.
C3
21
SDZ
I
Active low hardware shutdown.
C4, C5
25
VBAT
P
Class-D power supply input. Connect to VBAT supply and decouple with a cap.
B1
6
VSNS_N
I
Voltage Sense negative input. Connect to Class-D negative output after Ferrite
bead filter.
A1
5
VSNS_P
I
Voltage Sense positive input. Connect to Class-D positive output after Ferrite
bead filter.
TAS2770
SLASEM6D – OCTOBER 2017 – REVISED AUGUST 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TAS2770


Similar Part No. - TAS2770_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2770RJQR TI1-TAS2770RJQR Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770RJQT TI1-TAS2770RJQT Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770YFFR TI1-TAS2770YFFR Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770YFFT TI1-TAS2770YFFT Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770 TI1-TAS2770_18 Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
More results

Similar Description - TAS2770_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2770 TI1-TAS2770_18 Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770 TI1-TAS2770 Datasheet
1Mb / 85P
[Old version datasheet]   15-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
TAS2780 TI-TAS2780 Datasheet
3Mb / 96P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
SLOSE75 ??NOVEMBER 2021
TAS2764 TI-TAS2764 Datasheet
3Mb / 107P
[Old version datasheet]   TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
[Old version datasheet]   TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI-TAS2553_15 Datasheet
1Mb / 58P
[Old version datasheet]   TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TPA3200D1 TI-TPA3200D1_07 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com