Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2770RJQT Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2770RJQT
Description  TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2770RJQT Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS2770RJQT Datasheet HTML 37Page - Texas Instruments TAS2770RJQT Datasheet HTML 38Page - Texas Instruments TAS2770RJQT Datasheet HTML 39Page - Texas Instruments TAS2770RJQT Datasheet HTML 40Page - Texas Instruments TAS2770RJQT Datasheet HTML 41Page - Texas Instruments TAS2770RJQT Datasheet HTML 42Page - Texas Instruments TAS2770RJQT Datasheet HTML 43Page - Texas Instruments TAS2770RJQT Datasheet HTML 44Page - Texas Instruments TAS2770RJQT Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
Table 8-56. Brown Out Prevention Threshold
(continued)
BOP_TH[7:0]
Threshold (V)
0xFE
10.85
0xFF
10.875
The BOP feature has a separate attack rate, attack step size and hold time from the battery tracking limiter
(register bits BOP_ATK_RT[2:0], BOP_ATK_ST[1:0] and BOP_HLD_TM[2:0] respectively). The BOP feature
uses the LIM_RLS_RT[2:0] register setting to release after a brown out event.
Table 8-57. Brown Out Prevention Attack Rate
BOP_ATK_RT[2:0]
Attack Rate (µs)
0x0
5
0x1
10
0x2
20 (default)
0x3
40
0x4
80
0x5
160
0x6
320
0x7
640
Table 8-58. Brown Out Prevention Attack Step Size
BOP_ATK_ST[1:0]
Step Size (dB)
00
0.5
01
1 (default)
10
1.5
11
2
Table 8-59. Brown Out Prevention Hold Time
BOP_HLD_TM[2:0]
Hold Time (ms)
0x0
0
0x1
10
0x2
25
0x3
50
0x4
100
0x5
250
0x6
500 (default)
0x7
1000
The TAS2770 can also shutdown the device when a brown out event occurs if the BOP_SHUTDOWN register
bit is set high. For the device to continue playing audio again, the device must transition through a SW/HW
shutdown state. Setting the BOP_INF_HLD high will cause the limiter to stay in the hold state (i.e. never release)
after a cleared brown out event until either the device transitions through a mute or SW/HW shutdown state or
the register bit BOP_HLD_CLR is written to a high value (which will cause the device to exit the hold state and
www.ti.com
TAS2770
SLASEM6D – OCTOBER 2017 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TAS2770


Similar Part No. - TAS2770RJQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2770RJQT TI1-TAS2770RJQT Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
More results

Similar Description - TAS2770RJQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2770 TI1-TAS2770_18 Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770 TI1-TAS2770 Datasheet
1Mb / 85P
[Old version datasheet]   15-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
TAS2780 TI-TAS2780 Datasheet
3Mb / 96P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
SLOSE75 ??NOVEMBER 2021
TAS2764 TI-TAS2764 Datasheet
3Mb / 107P
[Old version datasheet]   TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
[Old version datasheet]   TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI-TAS2553_15 Datasheet
1Mb / 58P
[Old version datasheet]   TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TPA3200D1 TI-TPA3200D1_07 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com