Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPWR163MA Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CMPWR163MA
Description  Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR163MA Datasheet(HTML) 5 Page - California Micro Devices Corp

  CMPWR163MA Datasheet HTML 1Page - California Micro Devices Corp CMPWR163MA Datasheet HTML 2Page - California Micro Devices Corp CMPWR163MA Datasheet HTML 3Page - California Micro Devices Corp CMPWR163MA Datasheet HTML 4Page - California Micro Devices Corp CMPWR163MA Datasheet HTML 5Page - California Micro Devices Corp CMPWR163MA Datasheet HTML 6Page - California Micro Devices Corp CMPWR163MA Datasheet HTML 7Page - California Micro Devices Corp CMPWR163MA Datasheet HTML 8Page - California Micro Devices Corp CMPWR163MA Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
‹ 2002 California Micro Devices Corp. All rights reserved.
08/29/02
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846
L www.calmicro.com
5
&03:5
3HUIRUPDQFH,QIRUPDWLRQ
7\SLFDO '&&KDUDFWHULVWLFV QRPLQDOFRQGLWLRQV XQOHVV VSHFLILHGRWKHUZLVH
0
20
40
60
80
100
120
01
2
3
4
5
6
INPUT VOLTAGE [V]
*URXQG &XUUHQW YV,QSXW
*URXQG &XUUHQWYV/RDG
0
25
50
75
100
125
150
0
50
100
150
200
LOAD CURRENT [mA]
3.28
3.29
3.30
3.31
3.32
0
50
100
150
200
LOAD CURRENT [mA]
/RDG5HJXODWLRQ 9,1 9
0
50
100
150
200
250
0
50
100
150
200
LOAD CURRENT [mA]
'URSRXW 9ROWDJH YV/RDG &XUUHQW 9,1 9
3.0
3.1
3.2
3.3
3.4
3.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE [V]
/LQH 5HJXODWLRQ P$ DQGP$ORDG
0.0
1.0
2.0
3.0
4.0
0
100
200
300
400
500
LOAD CURRENT [mA]
)ROGEDFN &XUUHQW/LPLWLQJ
P$ ORDG
P$ ORDG


Similar Part No. - CMPWR163MA

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR160 CALMIRCO-CMPWR160 Datasheet
124Kb / 10P
   USB peripheral Power Management
CMPWR160SA CALMIRCO-CMPWR160SA Datasheet
124Kb / 10P
   USB peripheral Power Management
CMPWR160SAR CALMIRCO-CMPWR160SAR Datasheet
124Kb / 10P
   USB peripheral Power Management
CMPWR160SAT CALMIRCO-CMPWR160SAT Datasheet
124Kb / 10P
   USB peripheral Power Management
CMPWR161 CALMIRCO-CMPWR161 Datasheet
202Kb / 8P
   Micropower, Low Noise 4.75V/150mA LDO Regulator
More results

Similar Description - CMPWR163MA

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com