Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK60C-048L-018F40H Datasheet(PDF) 1 Page - Astec America, Inc

Part # BK60C-048L-018F40H
Description  150 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

BK60C-048L-018F40H Datasheet(HTML) 1 Page - Astec America, Inc

  BK60C-048L-018F40H Datasheet HTML 1Page - Astec America, Inc BK60C-048L-018F40H Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Features
Electrical Specs
150 Watts
BK60C-40
High Efficiency
• High efficiency, 5V@89%
• -40°C to 100°C baseplate operating
temperature (no derating)
• Positive and Negative enable function
• Low output ripple and noise
• High capacitive load limit on start-up
• Remote sense compensation
• Regulation to zero load
• Fixed frequency switching (300 kHz)
Operating temperature (baseplate):
-40°C to +100°C
Storage temperature: -55°C to +105°C
Overtemperature protection: 110°C typical
MTBF: >1 million hours
Input
Input range
36-75 VDC
Input Surge
100V / 100ms
Efficiency
89% @ 3.3V (typ)
Output
Load regulation
10mV typical down to no load
(output below 5V)
Line regulation
10mV typical
(outpt below 5V)
Ripple and noise
200mV p-p max)
Remote sense
Up to 0.5V
Output voltage
adjust range
±20% of nominal output
Transient Response
10% max deviation with 25% to 75%
full load (output 5V and above)
200mV
Overvoltage Protection
130% nominal output
(output 5V and above)
160% nominal outpt
(2.2V output)
140% nominal output
(3.3V output)
Current Limit
115% maximum output
Control
Voltage Adjust
90 to 110%
Enable
TTL compatible (positive & negative
enable options)
Notes:
1. Nominal values apply with sense pins connected and other
control pins unconnected.
2. Specifications subject to change without notice.
Environmental
Total Power:
150 Watts
Input Voltages:
48V
No. of Outputs:
Single
UL
UL 1950
CAN22.2-950
TUV
EN60950
Safety
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
44
W9959_02_DCDC_001-073_73
2/8/02
3:38 PM
Page 44


Similar Part No. - BK60C-048L-018F40H

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
BK60C-048L-018F40H ASTEC-BK60C-048L-018F40H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
BK60C-048L-018F40HN ASTEC-BK60C-048L-018F40HN Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
More results

Similar Description - BK60C-048L-018F40H

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
250375-4X50-2 ANAREN-250375-4X50-2 Datasheet
333Kb / 2P
   150 Watts
A150N50X4C ANAREN-A150N50X4C Datasheet
236Kb / 2P
   150 Watts
150-50TCGF ANAREN-150-50TCGF Datasheet
301Kb / 2P
   150 Watts
logo
Astec America, Inc
AED17 ASTEC-AED17 Datasheet
781Kb / 2P
   150 Watts
LPQ150 ASTEC-LPQ150 Datasheet
249Kb / 2P
   150 Watts
LPS150 ASTEC-LPS150 Datasheet
746Kb / 2P
   150 Watts
logo
Emerson Network Power
LPS100-M EMERSON-NETWORKPOWER-LPS100-M_10 Datasheet
419Kb / 3P
   150 Watts
logo
Astec America, Inc
AV60C-048L-033F10 ASTEC-AV60C-048L-033F10 Datasheet
301Kb / 2P
   50-150 Watts
AEH10-30 ASTEC-AEH10-30 Datasheet
462Kb / 2P
   50-150 Watts
logo
XP Power Limited
DLA XPPOWER-DLA Datasheet
290Kb / 4P
   50-150 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com